Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNZ1128 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # CNZ1128
Description  Photo Interrupters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNZ1128 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  CNZ1128 Datasheet HTML 1Page - Panasonic Semiconductor CNZ1128 Datasheet HTML 2Page - Panasonic Semiconductor CNZ1128 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
CNZ1122,CNZ1128
Transmissive Photosensors (Photo Interrupters)
IC — VCE
10 2
10
1
10 –1
Collector to emitter voltage
V
CE (V)
110
10 2
10 –2
10 –1
IF = 20mA
Ta = 25˚C
IC — Ta
160
120
80
40
Ambient temperature
Ta (˚C )
0
VCE = 10V
IF = 15mA
ICEO — Ta
10
10 –1
10 –2
1
Ambient temperature
Ta (˚C )
VCE = 10V
10 –3
– 40
0
40
80
120
110
10 –1
tr — IC
10
1
Collector current
I
C (mA)
10 –1
10 –2
10 3
10 2
VCC = 10V
Ta = 25˚C
100
RL = 1kΩ
500
IC — d
100
60
40
20
80
Distance d (mm)
12
6
5
4
3
0
0
VCE = 10V
Ta = 25˚C
IF = 15mA
0
20406080
100
– 40 – 20
20
60
100
– 20
d
10%
90%
td
tr
tf
RL
VCC
V1
V2
V1
V2
Sig.
OUT
50
Sig.IN
Criterion
0


Similar Part No. - CNZ1128

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ1120 PANASONIC-CNZ1120 Datasheet
30Kb / 1P
   Photo Interrupter
CNZ1120 PANASONIC-CNZ1120 Datasheet
68Kb / 2P
   Transmissive Photosensors (Photo lnterrupters)
More results

Similar Description - CNZ1128

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG248 KODENSHI-SG248 Datasheet
157Kb / 2P
   PHOTO INTERRUPTERS
logo
List of Unclassifed Man...
G-310 ETC-G-310 Datasheet
380Kb / 7P
   PHOTO INTERRUPTERS
logo
KODENSHI_AUK CORP.
SG209 KODENSHI-SG209 Datasheet
143Kb / 2P
   PHOTO INTERRUPTERS
SG23FI KODENSHI-SG23FI Datasheet
127Kb / 2P
   PHOTO INTERRUPTERS
logo
Panasonic Semiconductor
CNZ1102 PANASONIC-CNZ1102 Datasheet
55Kb / 3P
   Photo Interrupters
CNZ1111 PANASONIC-CNZ1111 Datasheet
54Kb / 3P
   Photo Interrupters
logo
KODENSHI_AUK CORP.
SG243 KODENSHI-SG243 Datasheet
116Kb / 2P
   PHOTO INTERRUPTERS
SG220 KODENSHI-SG220 Datasheet
89Kb / 2P
   PHOTO INTERRUPTERS
SG223 KODENSHI-SG223 Datasheet
102Kb / 2P
   PHOTO INTERRUPTERS
logo
Panasonic Semiconductor
CNZ1021 PANASONIC-CNZ1021 Datasheet
64Kb / 3P
   Photo Interrupters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com