Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC503PPG1-30P-A Datasheet(PDF) 1 Page - Marktech Corporate

Part # LC503PPG1-30P-A
Description  Ultra Bright Green 5mm LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC503PPG1-30P-A Datasheet(HTML) 1 Page - Marktech Corporate

  LC503PPG1-30P-A Datasheet HTML 1Page - Marktech Corporate LC503PPG1-30P-A Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Bright Green 5mm LED
LC503PPG1−30P-A
Features
5mm Package
High Optical Power
High Luminous Intensity
Water Clear Lens
All Plastic Mold Type
Applications
Outdoor Message Centers
VMS
Automotive Interior Lighting
Traffic Signals
Pedestrian Signals
Decorative Lighting
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
105.00
mW
Operating Temperature
Topr
−40 ~ +95
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 3 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
3.60
4.20
V
Reverse Current
IR
VR=5V
100
µ A
Luminous Intensity
IV
IF=20mA
3000.00
4800.00
mcd
Viewing Angle
2
θ1/2
30
o
deg.
Peak Wavelength
λp
IF=20mA
520
nm
Dominant Wavelength
λd
IF=20mA
525
nm
Spectral Line Half Width
∆λ
IF=20mA
38
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - LC503PPG1-30P-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503PPG1-30P MARKTECH-LC503PPG1-30P Datasheet
438Kb / 2P
   Ultra Bright Green 5mm LED
More results

Similar Description - LC503PPG1-30P-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503QPG1-30G-A MARKTECH-LC503QPG1-30G-A Datasheet
357Kb / 2P
   Ultra Bright Green 5mm LED
LC503PPG1-30P MARKTECH-LC503PPG1-30P Datasheet
438Kb / 2P
   Ultra Bright Green 5mm LED
LC503TPG1-15G-A MARKTECH-LC503TPG1-15G-A Datasheet
208Kb / 2P
   Ultra Bright Green 5mm LED
LC503TPG1-15H-A MARKTECH-LC503TPG1-15H-A Datasheet
207Kb / 2P
   Ultra Bright Green 5mm LED
logo
P-tec Corporation
PL16E-WCG19 P-TEC-PL16E-WCG19 Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Green LED
PL16F-WCG19 P-TEC-PL16F-WCG19 Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Green LED
PL16B-WCG19 P-TEC-PL16B-WCG19 Datasheet
30Kb / 1P
   5mm (T1쩐) Ultra Bright Green LED
logo
Marktech Corporate
LC503QPG1-15G-A MARKTECH-LC503QPG1-15G-A Datasheet
342Kb / 2P
   5mm Green InGaN Ultra Bright LED
LC503QPG1-30H-A MARKTECH-LC503QPG1-30H-A Datasheet
206Kb / 2P
   5mm Green InGaN Ultra Bright LED
LC503PBG1-30Q-A MARKTECH-LC503PBG1-30Q-A Datasheet
209Kb / 2P
   5mm Green InGaN Ultra Bright LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com