Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75113N Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75113N
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75113N Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75113N Datasheet HTML 5Page - Texas Instruments SN75113N Datasheet HTML 6Page - Texas Instruments SN75113N Datasheet HTML 7Page - Texas Instruments SN75113N Datasheet HTML 8Page - Texas Instruments SN75113N Datasheet HTML 9Page - Texas Instruments SN75113N Datasheet HTML 10Page - Texas Instruments SN75113N Datasheet HTML 11Page - Texas Instruments SN75113N Datasheet HTML 12Page - Texas Instruments SN75113N Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SN55113, SN75113
DUAL DIFFERENTIAL LINE DRIVERS
SLLS070C – SEPTEMBER 1973 – REVISED MARCH 1997
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
3
2
1
0
01
2
4
5
6
34
OUTPUT VOLTAGE
vs
INPUT VOLTAGE (OUTPUT CONTROL)
VI – Input Voltage (Output Control) – V
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Disabled
Low
Load = 500
Ω to VCC
TA = 25°C
Figure 9
3
2
1
0
01
2
4
5
6
34
OUTPUT VOLTAGE
vs
INPUT VOLTAGE (OUTPUT CONTROL)
VI – Input Voltage (Output Control) – V
Disabled
Low
TA = 125°C
Load = 500
Ω to VCC
VCC = 5 V
TA = – 55°C
TA = 25°C
Figure 10
1.2
0.8
0.4
0
–75
– 25
0
25
50
1.6
2
2.4
75
100
125
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 4.5 V
VOH(IOH = – 10 mA)
VOL(IOL = 40 mA)
3.2
2.8
3.6
4
–50
VOH(IOH = – 40 mA)
Figure 11
3
2
1
0
0
– 20
–100
4
5
–120
HIGH-LEVEL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IOH – Output Current – mA
VCC = 4.5 V
TA = 25°C
–40
– 60
–80
VCC = 5 V
VCC = 5.5 V
† Data for temperatures below 0
°C and above 70°C and for supply voltages below 4.75 V and above 5.25 V are applicable to SN55113 circuits
only. These parameters were measured with the active pullup connected to the sink output.


Similar Part No. - SN75113N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75113N TI-SN75113N Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN75113N TI1-SN75113N Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN75113NE4 TI1-SN75113NE4 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN75113NSR TI1-SN75113NSR Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75113N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
DS8830 TI-DS8830 Datasheet
153Kb / 17P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI-SN55114 Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Texas Instruments
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com