Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNZ1403A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # CNZ1403A
Description  Integrated Photosensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNZ1403A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  CNZ1403A Datasheet HTML 1Page - Panasonic Semiconductor CNZ1403A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
CNZ1402A/B,CNZ1403A/B
Integrated Photosensors
60
50
40
30
20
10
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 25
IFT — Ta
160
120
80
40
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 40 – 20
VOL — Ta
200
160
140
180
Ambient temperature
Ta (˚C )
– 20
0
20
60
80
40
100
120
– 40
VCC = 5V
IOL = 20mA
tpd — IF
20
15
10
5
Forward current
I
F (mA)
5
1015
2530
20
35
0
0
VCC = 5V
Ta = 25˚C
RL = 100Ω
tput :H L
(Fall Time)
tpLN :L H
(Rise Time)
Detecting position characteristics (1)
120
80
60
40
20
100
Distance d (mm)
23
6
5
4
0
1
CNZ1403A
VCC = 5V
Ta = 25˚C
RL = 240Ω
IF = 10mA
Detecting position characteristics (2)
120
80
60
40
20
100
Distance d (mm)
23
6
5
4
0
1
CNZ1403B
VCC = 5V
Ta = 25˚C
RL = 240Ω
IF = 10mA
IF , IO — Ta
Criterion
0
Criterion
0
IF
IO
IFHL (IFLH)
IFLH (IFHL)
tPLH
tPHL
d = 0.08mm
d = 0.08mm
d
d
tPHL
1.5V
tPLH
RL
VCC
CNZ1402A,CNZ1403A
Sig.
OUT
Sig.
IN Const.Voltage Cir.
t
PHL
t
PLH
(Input pulse)
(Output pulse)
1.5V
R
L = 100Ω
V
CC = 5V
Sig.IN
Const. Voltage Cir.
V
O
50
t
PHL : H
L Propagation time
t
PLH : L
H Propagation time
Electrical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Input
Forward voltage (DC)
VF
IF = 50mA
1.2
1.5
V
Reverse current (DC)
IR
VR = 3V
10
µA
characteristics
Capacitance between terminals
Ct
VR = 0V, f = 1MHz
50
pF
Output
“H” Output current
IOH
VCC = 5V, VOH = 30V, IF = 0mA, (IF = 10mA)
100
µA
characteristics “L” Output voltage
VOL
VCC = 5V, IOL = 20mA, IF = 10mA, (IF = 0mA)
0.15
0.4
V
Threshold input current
IFH→L(IFL→H) VCC = 5V
5
10
mA
Transfer
Hysteresis
IFLH/IFHL(IFHL/IFLH) VCC = 5V, RL = 240Ω
0.75
characteristics
Response time
tPHL(tPLH)* VCC = 5V, IFP = 10mA, RL = 100Ω
6
µs
tPLH(tPHL)* VCC = 5V, IFP = 10mA, RL = 100Ω
10
µs
Note) Normally ON type characteristics is shown, (
) shows Normally OFF type.
* Switching time measurement circuit


Similar Part No. - CNZ1403A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ1413 PANASONIC-CNZ1413 Datasheet
56Kb / 3P
   Integrated Photosensors
CNZ1414A PANASONIC-CNZ1414A Datasheet
53Kb / 3P
   Integrated Photosensor
More results

Similar Description - CNZ1403A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ1413 PANASONIC-CNZ1413 Datasheet
56Kb / 3P
   Integrated Photosensors
logo
Sanyo Semicon Device
AM-30-31 SANYO-AM-30-31 Datasheet
46Kb / 2P
   Amorphous Photosensors
logo
Panasonic Semiconductor
CNB1001 PANASONIC-CNB1001 Datasheet
50Kb / 2P
   Reflective Photosensors
logo
Sanyo Semicon Device
AM-30-33 SANYO-AM-30-33 Datasheet
41Kb / 2P
   Amorphous Photosensors
logo
Toshiba Semiconductor
TLN103A TOSHIBA-TLN103A Datasheet
241Kb / 5P
   INFRARED LED FOR PHOTOSENSORS
logo
Panasonic Semiconductor
CNA1312K PANASONIC-CNA1312K Datasheet
61Kb / 3P
   Transmissive Photosensors(Photo Interrupters)
ON2173 PANASONIC-ON2173 Datasheet
68Kb / 3P
   Reflective Photosensors (Photo Reflectors)
logo
Toshiba Semiconductor
TLN203 TOSHIBA-TLN203 Datasheet
211Kb / 5P
   INFRARED LED FOR PHOTOSENSORS
TLN113 TOSHIBA-TLN113 Datasheet
233Kb / 5P
   INFRARED LED FOR PHOTOSENSORS
logo
Panasonic Semiconductor
ON1120 PANASONIC-ON1120 Datasheet
68Kb / 2P
   Transmissive Photosensors (Photo lnterrupters)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com