Electronic Components Datasheet Search |
|
TCET1116 Datasheet(PDF) 3 Page - Vishay Siliconix |
|
TCET1116 Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 9 page VISHAY TCET111.(G) Document Number 83546 Rev. A3, 18-Mar-03 Vishay Semiconductors www.vishay.com 3 Electrical Characteristics Tamb = 25 °C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements. Emitter Detector Coupler Current Transfer Ratio Parameter Test condition Symbol Typ. Max Unit Forward voltage IF = ± 50 mA VF 1.25 1.6 V Junction capacitance VR = 0 V, f = 1 MHz Cj 50 pF Parameter Test condition Symbol Min Typ. Max Unit Collector emitter voltage IC = 1 mA VCEO 70 V Emitter collector voltage IE = 100 µA VECO 7 V Collector emitter cut-off current VCE = 20 V, If = 0, E = 0 ICEO 10 100 nA Parameter Test condition Symbol Typ. Max Unit Collector emitter saturation voltage IF = 10 mA, IC = 1 mA VCEsat 0.3 V Cut-off frequency VCE = 5 V, IF = 10 mA, RL = 100 Ω fc 110 kHz Coupling capacitance f = 1 MHz Ck 0.3 pF Parameter Test condition Part Symbol Min Typ. Max Unit IC/IF VCE = 5 V, IF = 1 mA TCET1111 (G) CTR 0.13 0.30 % VCE = 5 V, IF = 1 mA TCET1112 (G) CTR 0.22 0.45 % VCE = 5 V, IF = 1 mA TCET1113 (G) CTR 0.34 0.70 % VCE = 5 V, IF = 1 mA TCET1114 (G) CTR 0.56 0.90 % VCE = 5 V, IF = 5 mA TCET1110 (G) CTR 0.50 6.0 % VCE = 5 V, IF = 5 mA TCET1115 (G) CTR 0.5 1.5 % VCE = 5 V, IF = 5 mA TCET1116 (G) CTR 1.0 3.0 % VCE = 5 V, IF = 5 mA TCET1117 (G) CTR 0.8 1.6 % VCE = 5 V, IF = 5 mA TCET1118 (G) CTR 1.3 2.6 % VCE = 5 V, IF = 5 mA TCET1119 (G) CTR 2.0 4.0 % VCE = 5 V, IF = 10 mA TCET1111 (G) CTR 0.40 0.8 % VCE = 5 V, IF = 10 mA TCET1112 (G) CTR 0.63 1.25 % VCE = 5 V, IF = 10 mA TCET1113 (G) CTR 1.0 2.0 % VCE = 5 V, IF = 10 mA TCET1114 (G) CTR 1.6 3.2 % |
Similar Part No. - TCET1116 |
|
Similar Description - TCET1116 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |