Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DN6848SE Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # DN6848SE
Description  Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN6848SE Datasheet(HTML) 3 Page - Panasonic Semiconductor

  DN6848SE Datasheet HTML 1Page - Panasonic Semiconductor DN6848SE Datasheet HTML 2Page - Panasonic Semiconductor DN6848SE Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
s Precaution on Use
1. Change of the operation magnetic flux density does not depend on the supply voltage, because the stabilization
power supply is built-in. (only for the range ; VCC= 4.5 to 16V)
2. Change from “H” to “L” level increases the supply current by approx. 1mA.
VCC = 4.5V
Ambient temperature (˚C)
Supply voltage – Ambient temperature
8
7
6
5
4
3
2
1
0
–50 –25
0
25
50
75 100
VCC = 16V
Ambient temperature (˚C)
Operating flux density – Ambient temperature
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
–50 –25
0
25
50
VCC = 4.5 to 16V
BH→L
75 100
Sam
ple 1
Sample
2
Sample
3
Sample
4
Ambient temperature (˚C)
Output low level voltage – Ambient temperature
100
90
80
70
60
50
40
30
20
10
0
–50 –25
0
25
50
VCC =12V
IO =12mA
75 100 125
Supply voltage (V)
Operating flux density – Supply voltage
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
02468
10 12 14 16 18 20
Ta =25˚C
s Characteristics Curve


Similar Part No. - DN6848SE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN6847 PANASONIC-DN6847 Datasheet
41Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6847S PANASONIC-DN6847S Datasheet
41Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6847SE PANASONIC-DN6847SE Datasheet
41Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6847TE PANASONIC-DN6847TE Datasheet
41Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6849 PANASONIC-DN6849 Datasheet
39Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
More results

Similar Description - DN6848SE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8899 PANASONIC-DN8899 Datasheet
39Kb / 3P
   Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN6847 PANASONIC-DN6847 Datasheet
41Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6849 PANASONIC-DN6849 Datasheet
39Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN8897 PANASONIC-DN8897 Datasheet
42Kb / 3P
   Hall IC(Operating Temperature Range Topr=-40 to -100째C, Operating in Alternative Magnetic Field)
DN6851 PANASONIC-DN6851 Datasheet
25Kb / 2P
   Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6852 PANASONIC-DN6852 Datasheet
24Kb / 2P
   Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6853 PANASONIC-DN6853 Datasheet
24Kb / 2P
   Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
   Hall IC for alternative magnetic field
DN8899UAS PANASONIC-DN8899UAS Datasheet
45Kb / 6P
   Hall IC for alternative magnetic field SOH-4D type
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com