Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W536060K Datasheet(PDF) 6 Page - Winbond

Part # W536060K
Description  VOICE/MELODY/LCD CONTROLLER (ViewTalk TM Series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W536060K Datasheet(HTML) 6 Page - Winbond

Back Button W536060K Datasheet HTML 2Page - Winbond W536060K Datasheet HTML 3Page - Winbond W536060K Datasheet HTML 4Page - Winbond W536060K Datasheet HTML 5Page - Winbond W536060K Datasheet HTML 6Page - Winbond W536060K Datasheet HTML 7Page - Winbond W536060K Datasheet HTML 8Page - Winbond W536060K Datasheet HTML 9Page - Winbond W536060K Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
W536020K/030K/060K/090K/120K
- 6 -
4. PAD DESCRIPTION
SYMBOL
I/O
FUNCTION
XIN/RXIN
I
Input pad for main clock oscillator. It can be connected to crystal when
crystal mode is selected (SCR0.2 = 1), otherwise connect a resistor to
VDD to generate main system clock while Ring mode is selected (SCR0.2
= 0 and default). Oscillator can be enabled or stopped by set SCR0.1 to
1 or clear to 0 separately. External capacitor connects to start oscillation
and get more accurate clock when crystal mode
XOUT
O
Output pad for oscillator which is connected to another crystal pad when
in crystal mode. External capacitor connects to start oscillation when in
crystal mode.
X32I/RSUB1
I
32.768 KHz crystal input pad or external resistor node 1 by mask
option. External 15~20pF capacitor connects to start oscillation and get
more accurate clock when in crystal mode.
X32O/RSUB2
O
32.768 KHz crystal output pad or external resistor node 2 by mask
option. External 15~20pF capacitor connects to start oscillation when in
crystal mode.
RA0 ~ RA3/TONE
(9)
I/O
General Input/Output port specified by PM1 register. If output mode is
selected, PM0 register bit 0 can be used to specify CMOS/NMOS driving
capability option. Initial state is input mode. RA3 may be uses as TONE
if bit 0 of MR0 special register is set to logic 1. An interrupt source.
RB0 ~ RB3
(9)
I/O
General Input/Output port specified by PM2 register. If output mode is
selected, PM0 register bit 1 can be used to specify CMOS/NMOS driving
capability option. Initial state is input mode (W536060K/090K/120K only.)
RC0 ~ RC3
I
4-bit schmitter input with internal pull high option specified by PM3
register bit 2. Each pad has an independent interrupt capability specified
by PEFL special register. Interrupt and STOP mode wake up source.
RC0 is also the external event counter source of Timer1.
RD0
RD1/CLK
RD2/DATA
RD3/ADDR
(4)
I
4-bit schmitter input port with internal pull high option specified by PM3
register bit 3. Each pad has an independent interrupt capability specified
by PEFH special register. Interrupt and STOP mode wake up source.
RD1~3 will be shared as the external memory W55XXX interface pads
while RD port shared as serial bus mask option is enabled
@W536020K/030K.
For W536020K/030K only, "Tri-state serial bus" mask option can use to
float ADDR/CLK/DATD while "RD port shared as serial bus" mask option
is enabled.
RE0~RE3
(9)
O
Output port only. PM3 register bit 0 can be used to specify CMOS/NMOS
driving capability option. (W536090K/120K only)
RF0~RF3
(9)
O
Output port only. PM3 register bit 1 can be used to specify CMOS/NMOS
driving capability option. (W536090K/120K only)


Similar Part No. - W536060K

ManufacturerPart #DatasheetDescription
logo
Winbond
W536060A WINBOND-W536060A Datasheet
108Kb / 12P
   VOICE/ MELODY / LCD CONTROLLER
W536060P WINBOND-W536060P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
W536060T WINBOND-W536060T Datasheet
702Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
More results

Similar Description - W536060K

ManufacturerPart #DatasheetDescription
logo
Winbond
W536030T WINBOND-W536030T Datasheet
702Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
W536030A WINBOND-W536030A Datasheet
108Kb / 12P
   VOICE/ MELODY / LCD CONTROLLER
W536A031 WINBOND-W536A031 Datasheet
643Kb / 16P
   VOICE/MELODY/LCD CONTROLLER
logo
SONiX Technology Compan...
SN6A513 SONIX-SN6A513 Datasheet
191Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
logo
Winbond
W536030P WINBOND-W536030P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
logo
SONiX Technology Compan...
SN6A297 SONIX-SN6A297 Datasheet
135Kb / 6P
   LCD Controller with Voice/Dual Tone Melody
SN69040 SONIX-SN69040 Datasheet
229Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A509 SONIX-SN6A509 Datasheet
232Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A512 SONIX-SN6A512 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A264 SONIX-SN6A264 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com