Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DN6851 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DN6851
Description  Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN6851 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DN6851 Datasheet HTML 1Page - Panasonic Semiconductor DN6851 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Symbol
Condition
min
typ
max
s Electrical Characteristics (Ta=25˚C)
Operating flux density
B1 (L to H)
mT
VCC=12V
B2 (H to L)
mT
VCC=12V
Low output voltage
VOL
0.4
V
VCC=16V, IO=12mA,
B=30mT
V
VCC=3.6V, IO=12mA,
B=30mT
High output voltage
VOH
V
VCC=16V, IO=–30
µA,
B=–30mT
V
VCC=3.6V, IO=–30
µA,
B=–30mT
mA
VCC=16V, VO=0V,
B=–30mT
Note 1) Operating supply voltage range VCC (opr)= 3.6 to 16V
Note 2) For the operating flux density,
±20 gauss is also available as Rank A.
Output short-circuit current
–IOS
mA
VCC=16V
ICC
mA
Supply current
VCC=3.6V
6
5.5
0.4
30
0.9
–30
14.6
2.2
0.4
Unit
1.75
1.0
Unit : mm
The center of the Hall element is in the hatched area in the left figure.
s Hall Element Position
Marking surface
1 : VCC
2 : GND
3 : Output
Applied flux direction
N
S
1
2
3
Flux density (B)
B1
B2
s Flux-Voltage Conversion Characteristics
s Precaution on Use
1. Change of the operation magnetic flux density dose not depend on the supply voltage,
because the stabilization power supply is built-in.
(only for the range; VCC = 4.5 to 16V)
2. Change from “H” to “L” level increases the supply current by approx. 1mA.


Similar Part No. - DN6851

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN6852 PANASONIC-DN6852 Datasheet
24Kb / 2P
   Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6853 PANASONIC-DN6853 Datasheet
24Kb / 2P
   Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
More results

Similar Description - DN6851

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN6852 PANASONIC-DN6852 Datasheet
24Kb / 2P
   Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6853 PANASONIC-DN6853 Datasheet
24Kb / 2P
   Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN8899 PANASONIC-DN8899 Datasheet
39Kb / 3P
   Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN6847 PANASONIC-DN6847 Datasheet
41Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6848 PANASONIC-DN6848 Datasheet
39Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6849 PANASONIC-DN6849 Datasheet
39Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN8897 PANASONIC-DN8897 Datasheet
42Kb / 3P
   Hall IC(Operating Temperature Range Topr=-40 to -100째C, Operating in Alternative Magnetic Field)
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
   Hall IC for alternative magnetic field
logo
Maxim Integrated Produc...
MAX20092EVSYS MAXIM-MAX20092EVSYS Datasheet
70Kb / 2P
   Operating Input Supply Range: 9V to 16V
MAX20020EVKIT MAXIM-MAX20020EVKIT Datasheet
107Kb / 1P
   3.5V to 16V Operating Supply Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com