Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1263BEEG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1263BEEG
Description  250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1263BEEG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1263BEEG Datasheet HTML 2Page - Maxim Integrated Products MAX1263BEEG Datasheet HTML 3Page - Maxim Integrated Products MAX1263BEEG Datasheet HTML 4Page - Maxim Integrated Products MAX1263BEEG Datasheet HTML 5Page - Maxim Integrated Products MAX1263BEEG Datasheet HTML 6Page - Maxim Integrated Products MAX1263BEEG Datasheet HTML 7Page - Maxim Integrated Products MAX1263BEEG Datasheet HTML 8Page - Maxim Integrated Products MAX1263BEEG Datasheet HTML 9Page - Maxim Integrated Products MAX1263BEEG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
250ksps, +3V, 8-/4-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = VLOGIC = +3V, VREF = +2.500V, fCLK = 4.8MHz, CL = 20pF, TA = +25°C, unless otherwise noted.)
-0.5
-0.2
-0.3
-0.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
2000
1000
3000
4000
5000
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
-0.5
-0.2
-0.3
-0.4
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
2000
1000
3000
4000
5000
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
0.1
10k
10
1
100
1k
100k
1M
SUPPLY CURRENT
vs. SAMPLE FREQUENCY
fSAMPLE (Hz)
1
10
100
1000
10,000
WITH INTERNAL
REFERENCE
WITH EXTERNAL
REFERENCE
1.80
1.90
1.85
2.00
1.95
2.05
2.10
2.7
3.0
3.3
3.6
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VDD (V)
RL =
CODE = 101010100000
1.6
1.8
1.7
2.0
1.9
2.1
2.2
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
RL =
CODE = 101010100000
880
890
910
900
920
930
STANDBY CURRENT vs. SUPPLY VOLTAGE
VDD (V)
2.7
3.3
3.0
3.6
880
890
910
900
920
930
STANDBY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
10
-15
35
85
60
0.50
1.00
0.75
1.25
1.50
2.7
3.0
3.3
3.6
POWER-DOWN CURRENT
vs. SUPPLY VOLTAGE
VDD (V)
0.8
0.9
1.0
1.1
1.2
POWER-DOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
35
-15
10
60
85


Similar Part No. - MAX1263BEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX126 MAXIM-MAX126 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX126 MAXIM-MAX126 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX126 MAXIM-MAX126 Datasheet
276Kb / 20P
   Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1262ACEI MAXIM-MAX1262ACEI Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
More results

Similar Description - MAX1263BEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com