Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
Download  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 5 Page - National Semiconductor (TI)

  PC8374L Datasheet HTML 1Page - National Semiconductor (TI) PC8374L Datasheet HTML 2Page - National Semiconductor (TI) PC8374L Datasheet HTML 3Page - National Semiconductor (TI) PC8374L Datasheet HTML 4Page - National Semiconductor (TI) PC8374L Datasheet HTML 5Page - National Semiconductor (TI) PC8374L Datasheet HTML 6Page - National Semiconductor (TI) PC8374L Datasheet HTML 7Page - National Semiconductor (TI) PC8374L Datasheet HTML 8Page - National Semiconductor (TI) PC8374L Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 239 page
background image
Revision Record (Continued)
Revision 1.1
5
www.national.com
August 12, 2003
Draft Revision 0.7
Change PWRGD_3V functionality
Add details to SERIAL PORT 2 (SP2) WITH INFRARED Section
Change in HMSMBCF register
Typos and clarifications
Health Management: Added support for more LMxx devices - see
overview Section 9.2.2 - added a table of temp channel
association. New HM registers: Status Register 3-4, Monitoring
Control, Extended FANPWM Control 1-2, Tachometer Monitoring
Control, Channels Vdd configuration, Temp Critical Limit Zone1-
3,Temp Zone1-3 Gain and Offset Correction. New HM LPC
registers:HMINT_STS3, HMINT_EN#, HMSENS_STS3,
HMS_EN1-3, SMI/SCI_ROUT. Functional description updated.
Temp Reading registers updated.
October 13, 2003
Draft Revision 0.8
Maximum PWM duty cycle,
Fans setting time to the maximum duty cycle,
Changed default mode of LED control
Correct Table 3 on page 18
Rename LMxx sensor device
Removed FPRST
Changed reset value of FANTACH registers to FF
Changed reset value of FANOFF to 1
Added Package Thermal Information
Typos and clarifications
November 20, 2003
Preliminary Revision 0.9
Changes to the Health Management Chapter
Device Characteristics: Minimum value of t
CH,tCL reduced to
20 ns
Typos and Clarifications
February 3, 2004
Preliminary Revision 1.0
Added LM sensor devices
Changed V
BAT external capacitor requirement to 1 µF
Typos and Clarifications
May 2004
Preliminary Revision 1.1
Glue Functions: Removed 2.5V voltage divider circuit for SM-
Bus Voltage Translation system diagram
Typos and Clarifications
Revision Date
Status
Comments
Winbond Electronics Corp. Advanced PC Product Center


Similar Part No. - PC8374L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC8374T NSC-PC8374T Datasheet
655Kb / 48P
   SafeKeeper Desktop Trustedl/O
More results

Similar Description - PC8374L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87372 NSC-PC87372 Datasheet
1Mb / 144P
   LPC SuperI/O with Glue Functions
PC87373 NSC-PC87373 Datasheet
2Mb / 174P
   LPC SuperI/O with Glue Functions
PC87427 NSC-PC87427 Datasheet
757Kb / 46P
   ServerI/O with SensorPathTM Health Monitoring
logo
SMSC Corporation
LPC47M182 SMSC-LPC47M182 Datasheet
1Mb / 223P
   ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
LPC47M182 SMSC-LPC47M182_07 Datasheet
95Kb / 5P
   Advanced I/O Controller with Motherboard GLUE Logic
LPC47M172 SMSC-LPC47M172 Datasheet
1Mb / 227P
   ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
LPC47M172 SMSC-LPC47M172_07 Datasheet
1Mb / 226P
   Advanced I/O Controller with Motherboard GLUE Logic
logo
National Semiconductor ...
PC87365 NSC-PC87365 Datasheet
2Mb / 215P
   128-Pin LPC SuperI/O with System Hardware Monitoring
PC87338 NSC-PC87338 Datasheet
1Mb / 221P
   ACPI 1.0 and PC98/99 Compliant SuperI/O
logo
Sanyo Semicon Device
LC73750 SANYO-LC73750 Datasheet
485Kb / 23P
   Serial I/O Dialler with Keyboard Input Functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com