Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9887A Datasheet(PDF) 7 Page - Analog Devices

Part # AD9887A
Description  Dual Interface for Flat Panel Displays
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887A Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9887A Datasheet HTML 3Page - Analog Devices AD9887A Datasheet HTML 4Page - Analog Devices AD9887A Datasheet HTML 5Page - Analog Devices AD9887A Datasheet HTML 6Page - Analog Devices AD9887A Datasheet HTML 7Page - Analog Devices AD9887A Datasheet HTML 8Page - Analog Devices AD9887A Datasheet HTML 9Page - Analog Devices AD9887A Datasheet HTML 10Page - Analog Devices AD9887A Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
REV. 0
AD9887A
–7–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD9887A features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
VD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6 V
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . VD to 0.0 V
VREF IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VD to 0.0 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 V to 0.0 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . . . –25
°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . 150
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
ORDERING GUIDE
Max Speed (MHz)
Temperature
Package
Package
Model
Analog
DVI
Range
Description
Option
AD9887AKS-170
170
170
0
°C to 70°CMetric Quad Flatpack
S-160
AD9887AKS-140
140
140
0
°C to 70°CMetric Quad Flatpack
S-160
AD9887AKS-100
100
100
0
°C to 70°CMetric Quad Flatpack
S-160
AD9887A/PCB
25
°CEvaluation Board
Test
AD9887AKS
Parameter
Conditions
Temp Level Min Typ
Max
Unit
AC SPECIFICATIONS (continued)
High-to-Low Transition Time for DATACK (DHLT)
Output Drive = High; CL =10 pF
Full
IV
1.4
ns
Output Drive = Med; CL = 7 pF
Full
IV
1.6
ns
Output Drive = Low; CL = 5 pF
Full
IV
2.4
ns
Clock to Data Skew, tSKEW
3
Full
IV
0
4.0
ns
Duty Cycle, DATACK,
DATACK3
Full
IV
45
55
% of
Period
High
DATACK Frequency (fCIP) (1 Pixel/Clock)
Full
VI
20
140
MHz
DATACK Frequency (fCIP) (2 Pixels/Clock)
Full
IV
10
85
MHz
NOTES
1The typical pattern contains a gray scale area, Output Drive = High.
2DATACK and
DATACK Load = 10 pF, Data Load = 5 pF, HDCP disabled.
3Drive Strength = 11
Specifications subject to change without notice.
EXPLANATION OF TEST LEVELS
Test
Level
Explanation
I
100% production tested.
II
100% production tested at 25
°C and sample
tested at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and charac-
terization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25
°C; guaranteed
by design and characterization testing.


Similar Part No. - AD9887A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9887A AD-AD9887A Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887AKS-100 AD-AD9887AKS-100 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887AKS-140 AD-AD9887AKS-140 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887AKS-170 AD-AD9887AKS-170 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887AKSZ-100 AD-AD9887AKSZ-100 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results

Similar Description - AD9887A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com