Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK16C68-W35 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STK16C68-W35
Description  8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK16C68-W35 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STK16C68-W35 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK16C68-W35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK16C68-W35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK16C68-W35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK16C68-W35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK16C68-W35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK16C68-W35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK16C68-W35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK16C68-W35 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STK16C68
July 1999
4-77
AutoStorePlus™/POWER-UP RECALL
(VCC = 5.0V ± 10%)
b
Note l:
tRESTORE starts from the time VCC rises above VSWITCH.
AutoStorePlus™/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK16C68
UNITS
NOTES
Standard
MIN
MAX
22
tRESTORE
Power-up RECALL Duration
550
µsl
23
tFB
Maximum VCC Slew Time to Ground
500
ns
f, h
24
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
25
VRESET
Low Voltage Reset Level
3.9
V
f
VCC
VSWITCH
VRESET
OWER-UP RECALL
W
DQ (DATA OUT)
AutoStore™
5V
22
tRESTORE
23
tFB
24
25
BROWN OUT
AutoStorePlus™
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStorePlus™
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
POWER-UP
RECALL
BROWN OUT
NO STORE DUE TO
NO SRAM WRITES
NO RECALL
(VCC DID NOT GO
BELOW VRESET)


Similar Part No. - STK16C68-W35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK16C68-W35 SIMTEK-STK16C68-W35 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68-W35I SIMTEK-STK16C68-W35I Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK16C68-W35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com