Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD0601A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD0601A
Description  Silicon NPN epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD0601A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD0601A Datasheet HTML 1Page - Panasonic Semiconductor 2SD0601A Datasheet HTML 2Page - Panasonic Semiconductor 2SD0601A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XP02501
2
SJJ00156BED
IB  VBE
IC  VBE
VCE(sat)  IC
PT  Ta
IC  VCE
IC  IB
hFE  IC
fT  IE
NV
 I
C
0
160
40
120
80
0
250
100
200
50
150
Ambient temperature T
a (°C)
0
010
24
8
6
60
50
40
30
20
10
Collector-emitter voltage V
CE (V)
Ta
= 25°C
IB
= 160 µA
140
µA
120
µA
100
µA
80
µA
60
µA
40
µA
20
µA
0
0
1.0
0.8
0.6
0.4
0.2
240
200
160
120
80
40
Base current I
B (mA)
VCE
= 10 V
Ta
= 25°C
0
0
1.0
0.8
0.6
0.4
0.2
1.2
1.0
0.8
0.6
0.4
0.2
Base-emitter voltage V
BE (V)
VCE
= 10 V
Ta
= 25°C
0
0
2.0
1.6
1.2
0.8
0.4
240
200
160
120
80
40
Base-emitter voltage V
BE (V)
VCE
= 10 V
Ta
= 75°C
−25°C
25
°C
Collector current I
C (mA)
10−2
10−1
10−1
1
10
102
110
102
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
0
600
500
400
300
200
100
Collector current I
C (mA)
10−1
110
102
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
0
300
240
180
120
60
Emitter current I
E (mA)
−10−1
–1
–10
–102
VCB
= 10 V
Ta
= 25°C
0
240
200
160
120
80
40
Collector current I
C (µA)
10
102
103
VCE
= 10 V
GV
= 80 dB
Function
= FLAT
Ta
= 25°C
4.7 k
Rg
= 100 kΩ
22 k


Similar Part No. - 2SD0601A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD0601A PANASONIC-2SD0601A Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type
2SD0601ARN PANASONIC-2SD0601ARN Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
More results

Similar Description - 2SD0601A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com