Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC641A0001V Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC641A0001V
Description  CMOS Low Power Consumption
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC641A0001V Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC641A0001V Datasheet HTML 7Page - Torex Semiconductor XC641A0001V Datasheet HTML 8Page - Torex Semiconductor XC641A0001V Datasheet HTML 9Page - Torex Semiconductor XC641A0001V Datasheet HTML 10Page - Torex Semiconductor XC641A0001V Datasheet HTML 11Page - Torex Semiconductor XC641A0001V Datasheet HTML 12Page - Torex Semiconductor XC641A0001V Datasheet HTML 13Page - Torex Semiconductor XC641A0001V Datasheet HTML 14Page - Torex Semiconductor XC641A0001V Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
XC641A
Series
659
10
EXT1,EXT2,DOUT1,
DOUT2 pin connection
OUT4
DIN2
CD1
DOUT2
DOUT1
OUT1
EXT1
VSS
VDD
OUT3
DIN1
EN3
EN2
EN1
OUT2
EXT2
XC641A0
A
0.1μF
10μF +
Application Circuit 3
VDD
VIN
DOUT1,DOUT2
pin connection
OUT4
DIN2
CD1
DOUT2
DOUT1
OUT1
EXT1
VSS
VDD
OUT3
DIN1
EN3
EN2
EN1
OUT2
EXT2
XC641A0
100kΩ
100kΩ
A
A
10μF
0.1μF
+
OUT4
DIN2
CD1
DOUT2
DOUT1
OUT1
EXT1
VSS
VDD
OUT3
DIN1
EN3
EN2
EN1
OUT2
EXT2
XC641A0
470kΩ
A
10μF
0.1μF
+
Application Circuit 4
Application Circuit 5
VDD
VDD
RCD
10S_01XC641A 02.09.12 15:36 ページ 659


Similar Part No. - XC641A0001V

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001EL TOREX-XC6411P001EL Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ER TOREX-XC6411P001ER Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ML TOREX-XC6411P001ML Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001MR TOREX-XC6411P001MR Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
More results

Similar Description - XC641A0001V

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com