Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2163 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC2163
Description  ICs for use with 3rd Overtone Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2163 Datasheet(HTML) 6 Page - Torex Semiconductor

  XC2163 Datasheet HTML 1Page - Torex Semiconductor XC2163 Datasheet HTML 2Page - Torex Semiconductor XC2163 Datasheet HTML 3Page - Torex Semiconductor XC2163 Datasheet HTML 4Page - Torex Semiconductor XC2163 Datasheet HTML 5Page - Torex Semiconductor XC2163 Datasheet HTML 6Page - Torex Semiconductor XC2163 Datasheet HTML 7Page - Torex Semiconductor XC2163 Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
XC2163 Series
1036
14
MIN
TYP
MAX
2.97
3.63
V
/INH pin
2.4
V
/INH pin
0.4
V
2.2
2.4
V
0.3
0.4
V
15
mA
4mA
/INH="L"
2.0
4.0
6.0
70
140
250
10
μA
MIN
TYP
MAX
tr
1.5
ns
tf
1.5
ns
DUTY
45
55
%
tplz
100
ns
tpzl
100
ns
fosc = 108MHz to 125MHz : Rf = 3.9k
Ω, Cg = Cd = 4pF external
XC2163C51ZMR:
(Unless specified, VDD=3.3V, Ta=25℃)
CMOS DUTY : VDD=3.3V, Ta=25℃
This data sheet is preliminary therefore, the contents can be changed
without advance notice.
VDD
VIH
VIL
VOH
VOL
IDD1
IDD2
Rup1
Rup2
IOZ
QO pin, VDD=2.97V, IOH=-8mA
QO pin, VDD=2.97V, IOL=8mA
/INH=OPEN, CL=15pF, f=120MHz
/INH="L", f=100MHz
/INH=0.7VDD
QO pin, /INH="L"
CL=15pF, 0.1VDD ~ 0.9VDD
CL=15pF, 0.9VDD ~ 0.1VDD
0.5VDD, CL=15pF, f=120MHz
CL=15pF
CL=15pF
Standard value
Operating Voltage
Consumption Current 1
Consumption Current 2
PARAMETER
SYMBOL
CONDITIONS
UNITS
Standard value
PARAMETER
SYMBOL
CONDITIONS
UNITS
'H' Level Input Voltage
'L' Level Input Voltage
'H' Level Output Voltage
'L' Level Output Voltage
Input pull up resistance 1
Input pull up resistance 2
Output Off Leak Current
Output Rise Time
Output Fall Time
Output DUTY Cycle
Output Disable
(Delay Time)
Output Enable
(Delay Time)
■Electrical Characteristics
■Switching Characteristics
14S_04XC2163 02.09.12 16:36 ページ 1036


Similar Part No. - XC2163

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163 TOREX-XC2163 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163C51AML TOREX-XC2163C51AML Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163C51AMR TOREX-XC2163C51AMR Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163C51BML TOREX-XC2163C51BML Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
More results

Similar Description - XC2163

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com