Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2173CO41MR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC2173CO41MR
Description  ICs for use with Crystal Oscillators (PLL built-in)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2173CO41MR Datasheet(HTML) 7 Page - Torex Semiconductor

  XC2173CO41MR Datasheet HTML 1Page - Torex Semiconductor XC2173CO41MR Datasheet HTML 2Page - Torex Semiconductor XC2173CO41MR Datasheet HTML 3Page - Torex Semiconductor XC2173CO41MR Datasheet HTML 4Page - Torex Semiconductor XC2173CO41MR Datasheet HTML 5Page - Torex Semiconductor XC2173CO41MR Datasheet HTML 6Page - Torex Semiconductor XC2173CO41MR Datasheet HTML 7Page - Torex Semiconductor XC2173CO41MR Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
XC2173
Series
1045
14
note 1 : measured value
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
tr
2.0
ns
tf
2.0
ns
CMOS: 0.5VDD, CL=15pF
45
55
tj
50
ps
100
ns
1σ (note 1)
100
ns
CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
tr
1.5
ns
tf
1.5
ns
CMOS: 0.5VDD, CL=15pF
45
55
tj
50
ps
100
ns
1σ (note 1)
100
ns
CONDITIONS
Ta=25℃
Ta=25℃
3.3V
5.0V
DUTY
tplz
tpzl
Output Disenable
(Delay Time)
Output Enable
(Delay Time)
Jitter
Output DUTY Cycle
Output Fall Time
Output Rise Time
CL=15pF, 0.1VDD
∼ 0.9VDD (note 1)
CL=15pF, 0.9VDD
∼ 0.1VDD (note 1)
CL=15pF (note 1)
CL=15pF (note 1)
DUTY
tplz
tpzl
Output Rise Time
Output Fall Time
Output DUTY Cycle
Output Disenable
(Delay Time)
Output Enable
(Delay Time)
Jitter
CL=15pF, 0.1VDD
∼ 0.9VDD (note 1)
CL=15pF, 0.9VDD
∼ 0.1VDD (note 1)
CL=15pF (note 1)
CL=15pF (note 1)
■Switching Characteristics
14S_05XC2173 02.09.12 16:37 ページ 1045


Similar Part No. - XC2173CO41MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173CD21ML TOREX-XC2173CD21ML Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD21MR TOREX-XC2173CD21MR Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD21MR-G TOREX-XC2173CD21MR-G Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD41ML TOREX-XC2173CD41ML Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD41MR TOREX-XC2173CD41MR Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
More results

Similar Description - XC2173CO41MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com