Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2173CD61MR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC2173CD61MR
Description  ICs for use with Crystal Oscillators (PLL built-in)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2173CD61MR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC2173CD61MR Datasheet HTML 1Page - Torex Semiconductor XC2173CD61MR Datasheet HTML 2Page - Torex Semiconductor XC2173CD61MR Datasheet HTML 3Page - Torex Semiconductor XC2173CD61MR Datasheet HTML 4Page - Torex Semiconductor XC2173CD61MR Datasheet HTML 5Page - Torex Semiconductor XC2173CD61MR Datasheet HTML 6Page - Torex Semiconductor XC2173CD61MR Datasheet HTML 7Page - Torex Semiconductor XC2173CD61MR Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Operating Voltage
4.5
5.0
5.5
2.4
0.4
CMOS: VDD=4.5V, IOH=-16mA
3.9
4.2
CMOS: VDD=4.5V, IOL=16mA
0.3
0.4
Consumption Current 1
35
mA
Consumption Current 2
5mA
0.5
1.0
2.0
M
25
50
100
k
Cg
13
pF
Cd
13
pF
Internal Oscillation Feedback
Resistance
Rf
100
240
400
k
10
µA
/INH="L"
Internal Oscillation
Capacitance
(note 3)
(note 3)
CONDITIONS
/INH="L"
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Operating Voltage
2.97
3.3
3.63
2.4
0.4
CMOS: VDD=2.97V, IOH=-8mA
2.47
CMOS: VDD=2.97V, IOL=8mA
0.4
Consumption Current 1
10
mA
Consumption Current 2
1mA
1.0
2.0
4.0
M
35
70
140
k
Cg
13
pF
Cd
13
pF
Internal Oscillation Feedback
Resistance
Rf
0.3
1.0
2.0
M
10
µA
/INH="L"
Internal Oscillation
Capacitance
(note 3)
(note 3)
/INH="L"
CONDITIONS
3.3V, f0 x 8 multiplier (note 1)
Ta=25℃
Ta=25℃
5.0V, f0 x 8 multiplier (note 2)
VDD
VIH
VIL
VOH
VOL
IDD1
IDD2
Rup1
Rup2
Output Off Leak Current
Input pull up resistance 2
Input pull up resistance 1
'L' Level Output Voltage
'H' Level Output Voltage
'L' Level Input Voltage
'H' Level Input Voltage
/INH="OPEN", CL=15pF, f=80MHz
Ioz
/INH=0.7VDD
/INH="L", CL=15pF, f=80MHz
note 1 : The output frequency range is 80 MHz to 100MHz with a multiplier of f0 x 8 at 3.3V
note 2 : The output frequency range is 80 MHz to 160MHz with a multiplier of f0 x 8 at 5.0V
note 3 : measured value
'H' Level Input Voltage
'L' Level Input Voltage
'H' Level Output Voltage
'L' Level Output Voltage
Input pull up resistance 1
Input pull up resistance 2
Output Off Leak Current
VDD
VIH
VIL
VOH
VOL
IDD1
IDD2
Rup1
Rup2
Ioz
/INH="OPEN", CL=15pF, f=160MHz
/INH="L", CL=15pF, f=160MHz
/INH=0.7VDD
■Electrical Characteristics
XC2173
Series
1041
14
Rup
Cg
Cd
Rf
XT
/XT
/INH
1/2
1/2
1/2
PLL
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
V
Input Voltage
V
Power Dissipation
Pd
mW
Operating Ambient Temp.
Topr
Storage Temp.
Tstg
VSS-0.3∼VSS+7.0
VSS-0.3∼VDD+0.3
250 (*3)
-40∼+85
-55∼+125
VDD
VIN
* When measured on a glass epoxy PCB
/INH Qo端子真理値表
QO
VSS
VDD
■Absolute Maximum Ratings
■Block Diagram
14S_05XC2173 02.09.12 16:37 ページ 1041


Similar Part No. - XC2173CD61MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173CD61MR TOREX-XC2173CD61MR Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD61MR-G TOREX-XC2173CD61MR-G Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
More results

Similar Description - XC2173CD61MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com