Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1513-20B Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 1513-20B
Description  FIXED SIP DELAY LINE TD/TR = 5
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1513-20B Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  1513-20B Datasheet HTML 1Page - Data Delay Devices, Inc. 1513-20B Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1513
Doc #97022
DATA DELAY DEVICES, INC.
1
2/5/97
3 Mt. Prospect Ave. Clifton, NJ 07013
FIXED SIP DELAY LINE
TD/TR = 5
(SERIES 1513)
FEATURES
PACKAGES
Fast rise time for high frequency applications
Very narrow device (SIP package)
Stackable for PC board economy
Low profile
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 1513-series device is a fixed, single-input, single-output, passive
delay line. The signal input (IN) is reproduced at the output (OUT), shifted
by a time (TD) given by the device dash number. The characteristic
impedance of the line is given by the letter code that follows the dash
number (See Table). The rise time (TR) of the line is 20% of TD, and the 3dB bandwidth is given by 1.75 /
TD.
SERIES SPECIFICATIONS
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient: 100 PPM/
°C
Functional Diagram
GND
IN
GND
OUT
.280
MAX.
.100
MIN.
.810 MAX.
1
2
6
7
.210
MAX.
.020
TYP.
.020 TYP.
.600 TYP.
.100
TYP.
.010
TYP.
Package Dimensions
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
2
6 7
1
GND IN
OUT GND
1513-xxz
xx = Delay (TD)
z = Impedance Code
PIN DESCRIPTIONS
IN
Signal Input
OUT
Signal Output
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Delay (ns)
Rise Time
(ns)
Impedance
(
Ω)
1513-2.5A
2.5
± 1.0
1.0
50
1513-5A
5.0
± 1.0
1.0
50
1513-10A
10.0
± 1.0
2.0
50
1513-15A
15.0
± 1.0
3.0
50
1513-20A
20.0
± 1.0
4.0
50
1513-25A
25.0
± 1.3
5.0
50
1513-30A
30.0
± 1.5
6.0
50
1513-40A
40.0
± 2.0
8.0
50
1513-50A
50.0
± 2.5
10.0
50
1513-60A
60.0
± 3.0
12.0
50
1513-80A
80.0
± 4.0
16.0
50
1513-100A
100
± 5.0
20.0
50
1513-3.5Y
3.5
± 1.0
1.0
75
1513-7.5Y
7.5
± 1.0
1.5
75
1513-15Y
15.0
± 1.0
3.0
75
1513-22.5Y
22.5
± 1.2
4.5
75
1513-30Y
30.0
± 1.5
6.0
75
1513-37.5Y
37.5
± 1.9
7.5
75
1513-45Y
45.0
± 2.3
9.0
75
1513-60Y
60.0
± 3.0
12.0
75
1513-75Y
75.0
± 3.8
15.0
75
1513-90Y
90.0
± 4.5
18.0
75
1513-105Y
105
± 5.3
21.0
75
1513-120Y
120
± 6.0
24.0
75
1513-135Y
135
± 6.8
27.0
75
1513-150Y
150
± 7.5
30.0
75
1513-5B
5.0
± 1.0
1.0
100
1513-10B
10.0
± 1.0
2.0
100
1513-20B
20.0
± 1.0
4.0
100
1513-30B
30.0
± 1.5
6.0
100
1513-40B
40.0
± 2.0
8.0
100
1513-50B
50.0
± 2.5
10.0
100
1513-60B
60.0
± 3.0
12.0
100
1513-80B
80.0
± 4.0
16.0
100
1513-100B
100
± 5.0
20.0
100
1513-120B
120
± 6.0
24.0
100
1513-140B
140
± 7.0
28.0
100
1513-150B
150
± 7.5
30.0
100


Similar Part No. - 1513-20B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15130 ETC2-15130 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
logo
Chicago Miniature Lamp,...
15130350 CML-15130350 Datasheet
267Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED with bridge rectifier
15130351 CML-15130351 Datasheet
267Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED with bridge rectifier
15130352 CML-15130352 Datasheet
267Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED with bridge rectifier
1513035X CML-1513035X Datasheet
267Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED with bridge rectifier
More results

Similar Description - 1513-20B

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1514 DATADELAY-1514 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1515 DATADELAY-1515 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 10
1504 DATADELAY-1504 Datasheet
38Kb / 2P
   FIXED DIP DELAY LINE TD/TR = 5
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
1505 DATADELAY-1505 Datasheet
30Kb / 2P
   5-TAP SIP DELAY LINE TD/TR = 3
2211 DATADELAY-2211 Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
2020 DATADELAY-2020 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TR < 1ns
1517 DATADELAY-1517 Datasheet
36Kb / 2P
   5-TAP DIP DELAY LINE TD/TR = 3
1518 DATADELAY-1518 Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com