Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2173CO61ML Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC2173CO61ML
Description  ICs for use with Crystal Oscillators (PLL built-in)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2173CO61ML Datasheet(HTML) 2 Page - Torex Semiconductor

  XC2173CO61ML Datasheet HTML 1Page - Torex Semiconductor XC2173CO61ML Datasheet HTML 2Page - Torex Semiconductor XC2173CO61ML Datasheet HTML 3Page - Torex Semiconductor XC2173CO61ML Datasheet HTML 4Page - Torex Semiconductor XC2173CO61ML Datasheet HTML 5Page - Torex Semiconductor XC2173CO61ML Datasheet HTML 6Page - Torex Semiconductor XC2173CO61ML Datasheet HTML 7Page - Torex Semiconductor XC2173CO61ML Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
XC2173 Series
1040
14
XC2173qwerty
↑↑↑↑↑↑
abcdef
DESIGNATOR
DESCRIPTION
DESIGNATOR
DESCRIPTION
Duty Level :
C : CMOS(VDD/2)
Input Oscillation Frequency Range
1 : 10MHz to 25MHz
Package :
M = SOT-26
Multiplier Ratio or Divider Ratio
2 : f0 / 2
6 : f0 x 6
4 : f0 / 4  
7 : f0 x 7
5 : f0 x 5  
8 : f0 / 8 & f0 x 8
Device Orientation :
R = Embossed Tape
(Standard Feed)
L= Embossed Tape
(Reverse Feed)
Output Capacity :
M: Multiplier Output
D : Divider Output
■Product Classification
GOrdering Information
■Marking
q Represents the Series name
w Represents the Output
SYMBOL
OUTPUT
Multiplier
Divider
e Represents the Multiplier and/or Divider Ratio
SYMBOL
M/D
SYMBOL
M/D
f0/2
f0 x 6
f0/4
f0 x 7
f0/5
f0/8 & f0 x 8
r Represents the Assembly Lot No.
(based on internal standards)
1
q
w
e
r
SOT-26
(TOP VIEW)
MARK
7
(0.95)
(0.5)
1.9±0.2
2.9±0.2
1.1±0.1
0∼0.1
0.15
+0.1
-0.05
0.4
+0.1
-0.05
0.4
+0.1
-0.05
■Packaging Information
GSOT-26
14S_05XC2173 02.09.12 16:37 ページ 1040


Similar Part No. - XC2173CO61ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173CD21ML TOREX-XC2173CD21ML Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD21MR TOREX-XC2173CD21MR Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD21MR-G TOREX-XC2173CD21MR-G Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD41ML TOREX-XC2173CD41ML Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173CD41MR TOREX-XC2173CD41MR Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
More results

Similar Description - XC2173CO61ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com