Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCS8006 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCS8006
Description  High-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8006 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCS8006 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8006 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8006 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8006 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPCS8006
2004-07-06
3
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut-OFF current
IDSS
VDS = 250 V, VGS = 0 V
100
µA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
250
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.5
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 0.5 A
0.8
1.0
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 0.5 A
0.7
1.6
S
Input capacitance
Ciss
380
pF
Reverse transfer capacitance
Crss
32
pF
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
105
pF
Rise time
tr
11
Turn-ON time
ton
20
Fall time
tf
15
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 µs
45
ns
Total gate charge
(gate-source plus gate-drain)
Qg
11
nC
Gate-source charge
Qgs
7
nC
Gate-drain (“miller”) charge
Qgd
VDD ∼− 200V, VGS = 10 V,
ID = 1.1 A
4
nC
Source-Drain Ratings and Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current (pulse)
(Note 1)
IDRP
4.4
A
Forward voltage (diode)
VDSF
IDR = 1.1 A, VGS = 0 V
−2.0
V
Reverse recovery time
trr
100
ns
Reverse recovery charge
Qrr
IDR = 1.1 A, VGS = 0 V,
dIDR/dt = 100 A/µs
320
nC
VDD ∼− 100 V
0 V
VGS
10 V
ID = 0.5 A
VOUT


Similar Part No. - TPCS8006

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8004 TOSHIBA-TPCS8004 Datasheet
233Kb / 7P
   Silicon N Channel MOS Type (Pi-MOSV)
TPCS8004 TOSHIBA-TPCS8004 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_07 Datasheet
268Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_09 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
More results

Similar Description - TPCS8006

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com