Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPG33F-5MC3 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # PPG33F-5MC3
Description  3-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG33F)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PPG33F-5MC3 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  PPG33F-5MC3 Datasheet HTML 1Page - Data Delay Devices, Inc. PPG33F-5MC3 Datasheet HTML 2Page - Data Delay Devices, Inc. PPG33F-5MC3 Datasheet HTML 3Page - Data Delay Devices, Inc. PPG33F-5MC3 Datasheet HTML 4Page - Data Delay Devices, Inc. PPG33F-5MC3 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PPG33F
APPLICATION NOTES
DEVICE TIMING
The timing definitions and restrictions for the
PPG33F are shown in Figure 1. The unit is
activated by a rising edge on the TRIG input.
After a time, TTO (called the inherent delay), the
rising edge of the pulse appears at OUT. The
duration of the pulse is given by the above
equation. For the duration of the pulse, the
device ignores subsequent triggers. Once the
falling edge of the pulse has appeared at OUT,
an additional time, TOTR, is required before the
device can respond to the next trigger.
At power-up, the state of the PPG33F is
unknown. Consequently, after power is applied,
the unit may not respond to input triggers for a
time equal to the maximum pulse width, PWT.
After this time, the unit will function properly. If
your application requires that the device function
immediately, issue a quick reset at power-up.
POWER SUPPLY BYPASSING
The PPG33F relies on a stable power supply to
produce repeatable pulses within the stated
tolerances. A 0.1uf capacitor from VCC to GND,
located as close as possible to each VCC pin, is
recommended. A wide VCC trace should
connect all VCC pins externally, and a clean
ground plane should be used.
INCREMENT TOLERANCES
Please note that the increment tolerances listed
represent a design goal. Although most
increments will fall within tolerance, they are not
guaranteed throughout the address range of the
unit. Monotonicity is, however, guaranteed over
all addresses.
`
TOAX
TRTS
TTW
TTO
PWA
A2-A0
RES
TRIG
OUT
OUT/
Figure 1: Timing Diagram
A i
Ai+1
TSKEW
TATS
TRO
TOTR
TTW
TRW
Doc #97010
DATA DELAY DEVICES, INC.
2
1/15/97
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - PPG33F-5MC3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG312F-.5 DATADELAY-PPG312F-.5 Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG312F-1 DATADELAY-PPG312F-1 Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG312F-10 DATADELAY-PPG312F-10 Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG312F-100 DATADELAY-PPG312F-100 Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
More results

Similar Description - PPG33F-5MC3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG36F DATADELAY-PPG36F Datasheet
50Kb / 5P
   6-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG36F)
PPG38F DATADELAY-PPG38F Datasheet
42Kb / 5P
   8-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG38F)
logo
IC-Haus GmbH
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
   PROGRAMMABLE ns-PULSE GENERATOR
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Data Delay Devices, Inc...
PPG323F DATADELAY-PPG323F Datasheet
211Kb / 5P
   23-BIT CRYSTAL-STABILIZED PULSE GENERATOR (SERIES PPG323F)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com