Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6209D30AML Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6209D30AML
Description  High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209D30AML Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6209D30AML Datasheet HTML 1Page - Torex Semiconductor XC6209D30AML Datasheet HTML 2Page - Torex Semiconductor XC6209D30AML Datasheet HTML 3Page - Torex Semiconductor XC6209D30AML Datasheet HTML 4Page - Torex Semiconductor XC6209D30AML Datasheet HTML 5Page - Torex Semiconductor XC6209D30AML Datasheet HTML 6Page - Torex Semiconductor XC6209D30AML Datasheet HTML 7Page - Torex Semiconductor XC6209D30AML Datasheet HTML 8Page - Torex Semiconductor XC6209D30AML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
XC6209 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Output On/Off Control
! MARKING RULE
# SOT-25 & SOT-89-5
1 Represents product series
* Sequential number for custom products (0 to 9 or A to Z)
2 Represents the type of voltage regulator
3 Represents output voltage
4 Represents production lot number
0 to 9, A to Z, reversed character of 0 to 9 and A to Z repeated (G,I,J,O,Q excepted)
3.05
-
3.00
6.00
2.85
5.85
2.90
5.90
2.95
5.95
2.80
5.80
2.65
5.65
2.70
5.70
2.75
5.75
2.60
5.60
2.45
5.45
2.50
5.50
2.55
5.55
2.40
5.40
2.25
5.25
2.30
5.30
2.35
5.35
2.20
5.20
2.05
5.05
2.10
5.10
2.15
5.15
2.00
5.00
1.85
4.85
1.90
4.90
1.95
4.95
1.80
4.80
1.65
4.65
1.70
4.70
1.75
4.75
1.60
4.60
EZ
1.50
4.50
1.55
4.55
DY
1.40
4.40
1.45
4.45
CX
1.30
4.30
1.35
4.35
BV
1.20
4.20
1.25
4.25
AU
1.10
4.10
1.15
4.15
9T
1.00
4.00
1.05
4.05
8S
0.90
3.90
0.95
3.95
7R
-
3.80
-
3.85
6P
-
3.70
-
3.75
5N
-
3.60
-
3.65
4M
-
3.50
-
3.55
3L
-
3.40
-
3.45
2K
-
3.30
-
3.35
1H
-
3.20
-
3.25
0F
-
3.10
-
3.15
XC6209Exxxxx
XC6209Fxxxxx
XC6209Gxxxxx
XC6209Hxxxxx
XC6209Axxxxx
XC6209Bxxxxx
XC6209Cxxxxx
XC6209Dxxxxx
N
D
K
P
C
H
L
B
F
M
A
E
N
DK
P
CH
L
BF
M
AE
V
X
Y
Z
PRODUCT SERIES
SYMBOL
PRODUCT SERIES
9
XC6209xxxxxx
SYMBOL
SYMBOL
OUTPUT VOLTAGE (V)
VOUT 100mV STEPS
VOUT 50mV STEPS
VOUT=
0.1~3.0V
VOUT=
3.1~6.0V
VOUT=
0.15~3.05V
VOUT=
3.15~6.05V
SYMBOL
OUTPUT VOLTAGE (V)
V
X
Y
Z
1234
SOT-25
(TOP VIEW)
SOT-89-5
(TOP VIEW)
Semiconductor Ltd.
Data Sheet
4


Similar Part No. - XC6209D30AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209D30AD TOREX-XC6209D30AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results

Similar Description - XC6209D30AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com