Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6209D12ADL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6209D12ADL
Description  High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209D12ADL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6209D12ADL Datasheet HTML 5Page - Torex Semiconductor XC6209D12ADL Datasheet HTML 6Page - Torex Semiconductor XC6209D12ADL Datasheet HTML 7Page - Torex Semiconductor XC6209D12ADL Datasheet HTML 8Page - Torex Semiconductor XC6209D12ADL Datasheet HTML 9Page - Torex Semiconductor XC6209D12ADL Datasheet HTML 10Page - Torex Semiconductor XC6209D12ADL Datasheet HTML 11Page - Torex Semiconductor XC6209D12ADL Datasheet HTML 12Page - Torex Semiconductor XC6209D12ADL Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
XC6209 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Output On/Off Control
! MAXIMUM OUTPUT CURRENT, OUTPUT VOLTAGE
XC6209E ~ H series
! DROPOUT VOLTAGE
* The input voltage 2.0V (MIN.) is needed to operate the series. When the output voltage is less than 2.0V,
2.0V-VOUT(T) of dropout voltage is needed at minimum.
400
510
500
550
270
E-1
2.00 ~ 6.00
450
400
400
300
300
310
300
500
550
600
700
750
800
650
700
1000
800
800
810
800
850
900
50
1.10 ~ 1.15
1.20 ~ 1.25
1.30 ~ 1.35
1.40 ~ 1.45
1.50 ~ 1.55
1.60 ~ 1.65
1.70 ~ 1.75
900
900
80
80
60
60
80
VIN = VOUT + 1.0V
300
VIN = 2.9V
VIN = 3.0V
E-2
Dropout Voltage 1 (mV)
TYP
200
910
VIN = 2.5V
260
700
700
710
500
VIN = 2.8V
290
1.20 ~ 1.25
1.30 ~ 1.35
1.40 ~ 1.45
1.50 ~ 1.95
VIN = 2.7V
IOUTMAX (mA)
MIN
1.00 ~ 1.05
1.10 ~ 1.15
OUTPUT VOLTAGE
(V)
CONDITION
0.90 ~ 0.95
VIN = 2.5V
VIN = 2.6V
260
-70
230
-80
1150
330
1.00 ~ 1.05
180
270
70
100
220
290
200
250
200
-
60
90
-90
310
70
120
-
100
220
270
240
-
120
-
-
240
-
1.80 ~ 1.85
1.90 ~ 1.95
1000
100
0.90 ~ 0.95
2.00 ~ 2.05
1100
120
240
1010
1050
350
150
400
1100
300
1000
120
210
280
380
500
900
950
1200
MAX
TYP
160
210
1100
1000
SYMBOL
MIN
MAX
E-3
Dropout Voltage 2 (mV)
MIN
1100
200
200
1110
600
600
610
600
410
400
2.10 ~ 2.25
-
4.00 ~ 4.95
5.00 ~ 6.00
2.30 ~ 2.45
2.50 ~ 2.75
2.80 ~ 2.95
3.00 ~ 3.05
3.10 ~ 3.95
-
-
-
-
-
-
-
100
-
PARAMETER
OUTPUT VOLTAGE
S emic onductor Ltd.
Data Sheet
9


Similar Part No. - XC6209D12ADL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209D30AD TOREX-XC6209D30AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209D31AD TOREX-XC6209D31AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209D32AD TOREX-XC6209D32AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209D33AD TOREX-XC6209D33AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209D34AD TOREX-XC6209D34AD Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results

Similar Description - XC6209D12ADL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com