Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ8.0 Datasheet(PDF) 3 Page - DAESAN ELECTRONIC CORP.

Part # SMAJ8.0
Description  POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMAJ8.0 Datasheet(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  SMAJ8.0 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMAJ8.0 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SMAJ8.0 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SMAJ8.0 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified. VF=3.5V at IF=25A (uni-directional only)
Device
Breakdown Voltage
Maximum
Maximum
Maximum
Device Type
Marking
V(BR) at I T (1)
Test
Stand-off
Reverse Leakage Peak Pulse Surge
Clamping
Code
(V)
Current
Voltage
at VWM
Current IPPM
Voltage at IPPM
UNI
BI
Max
Min
IT (mA)
VWM (V)
ID (μA) (3)
(A)(2)
VC (V)
S MAJ 33(C )
C L
Y L
36.7
44.9
40.6
1.0
33
1.0
6.8
59.0
S MAJ 33(C )A
C M
Y M
36.7
1.0
33
1.0
7.5
53.3
S MAJ 36(C )
C N
Y N
40.0
48.9
1.0
36
1.0
6.2
64.3
S MAJ 36(C )A
C P
Y P
40.0
1.0
36
1.0
6.9
58.1
S MAJ 40(C )
C Q
Y Q
44.4
54.3
44.2
1.0
40
1.0
5.6
71.4
S MAJ 40(C )A
C R
Y R
44.4
1.0
40
1.0
6.2
64.5
S MAJ 43(C )
C S
Y S
47.8
58.4
49.1
1.0
43
1.0
5.2
76.7
S MAJ 43(C )A
C T
Y T
47.8
1.0
43
1.0
5.8
69.4
S MAJ 45(C )
C U
Y U
50.0
61.1
52.8
1.0
45
1.0
5.0
80.3
S MAJ 45(C )A
C V
Y V
50.0
1.0
45
1.0
5.5
72.7
S MAJ 48(C )
C W
Y W
53.3
65.1
55.3
1.0
48
1.0
4.7
85.5
S MAJ 48(C )A
C X
Y X
53.3
1.0
48
1.0
5.2
77.4
S MAJ 51(C )
C Y
Y Y
56.7
69.3
58.9
1.0
51
1.0
4.4
91.1
S MAJ 51(C )A
C Z
Y Z
56.7
1.0
51
1.0
4.9
82.4
S MAJ 54(C )
R D
ZD
60.0
73.3
62.7
1.0
54
1.0
4.2
96.3
S MAJ 54(C )A
R E
ZE
60.0
1.0
54
1.0
4.6
87.1
S MAJ 58(C )
R F
ZF
64.4
78.7
66.3
1.0
58
1.0
3.9
103
S MAJ 58(C )A
R G
ZG
64.4
1.0
58
1.0
4.3
93.6
S MAJ 60(C )
R H
ZH
66.7
81.5
71.2
1.0
60
1.0
3.7
107
S MAJ 60(C )A
R K
ZK
66.7
1.0
60
1.0
4.1
96.8
S MAJ 64(C )
R L
ZL
71.1
86.9
73.7
1.0
64
1.0
3.5
114
S MAJ 64(C )A
R M
ZM
71.1
1.0
64
1.0
3.9
103
S MAJ 70(C )
R N
ZN
77.8
95.1
86.0
92.1
95.8
78.6
1.0
70
1.0
3.2
125
S MAJ 70(C )A
R P
ZP
77.8
1.0
70
1.0
3.5
113
S MAJ 75(C )
R Q
ZQ
83.3
102
1.0
75
1.0
3.0
134
S MAJ 75(C )A
R R
ZR
83.3
1.0
75
1.0
3.3
121
S MAJ 78(C )
R S
ZS
86.7
106
1.0
78
1.0
2.9
139
S MAJ 78(C )A
R T
ZT
86.7
1.0
78
1.0
3.2
126
S MAJ 85(C )
R U
ZU
94.4
115
104
1.0
85
1.0
2.0
151
S MAJ 85(C )A
R V
ZV
94.4
1.0
85
1.0
2.2
137
S MAJ 90(C )
R W
ZW
100
122
111
1.0
90
1.0
1.9
160
S MAJ 90(C )A
R X
ZX
100
1.0
90
1.0
2.1
146
S MAJ 100(C )
R Y
ZY
111
136
123
1.0
100
1.0
1.7
179
S MAJ 100(C )A
R Z
ZZ
111
1.0
100
1.0
1.9
162
S MAJ 110(C )
V D
V D
122
149
135
1.0
110
1.0
1.5
196
S MAJ 110(C )A
S E
V E
122
1.0
110
1.0
1.7
177
S MAJ 120(C )
S F
V F
133
163
147
1.0
120
1.0
1.4
214
S MAJ 120(C )A
VG
VG
133
1.0
120
1.0
1.6
193
S MAJ 130(C )
S H
V H
144
176
159
1.0
130
1.0
1.3
231
S MAJ 130(C )A
V K
V K
144
1.0
130
1.0
1.4
209
S MAJ 150(C )
S L
V L
167
204
185
1.0
150
1.0
1.1
268
S MAJ 150(C )A
V M
V M
167
1.0
150
1.0
1.2
243
S MAJ 160(C )
S N
V N
178
218
197
1.0
160
1.0
1.0
287
S MAJ 160(C )A
S P
V P
178
1.0
160
1.0
1.2
259
S MAJ 170(C )
S Q
V Q
189
231
209
1.0
170
1.0
0.99
304
S MAJ 170(C )A
S R
V R
189
1.0
170
1.0
1.09
275
S MAJ 188(C )
S T
V T
209
255
1.0
188
1.0
0.9
344
S MAJ 188(C )A
S S
V S
209
231
1.0
188
1.0
0.91
328
Notes : (1) P ulse test: tp =50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANS I/IE E E C 62.35


Similar Part No. - SMAJ8.0

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
SMAJ8.0 YENYO-SMAJ8.0 Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Jinan Gude Electronic D...
SMAJ8.0 JGD-SMAJ8.0 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
RFE international
SMAJ8.0 RFE-SMAJ8.0 Datasheet
82Kb / 1P
   SURFACE MOUNT Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMAJ8.0 LUGUANG-SMAJ8.0 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
SMAJ8.0 LUGUANG-SMAJ8.0 Datasheet
192Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMAJ8.0

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
P4FL5.0A ZSELEC-P4FL5.0A Datasheet
218Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
DAESAN ELECTRONIC CORP.
SA5.0 DAESAN-SA5.0 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com