Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5140H Datasheet(PDF) 4 Page - ams AG

Part # AS5140H
Description  10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 4 Page - ams AG

  AS5140H Datasheet HTML 1Page - ams AG AS5140H Datasheet HTML 2Page - ams AG AS5140H Datasheet HTML 3Page - ams AG AS5140H Datasheet HTML 4Page - ams AG AS5140H Datasheet HTML 5Page - ams AG AS5140H Datasheet HTML 6Page - ams AG AS5140H Datasheet HTML 7Page - ams AG AS5140H Datasheet HTML 8Page - ams AG AS5140H Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-09] 2018-Feb-20
AS5140H − Pin Assignment
Pin 1 and 2 are the magnetic field change indicators, MagINCn
and MagDECn (magnetic field strength increase or decrease
through variation of the distance between the magnet and the
device). These outputs can be used to detect the valid magnetic
field range. Furthermore those indicators can also be used for
contact-less push-button functionality. Pins 3, 4 and 6 are the
incremental pulse output pins. The functionality of these pins
can be configured through programming the one-time
programmable (OTP) register.
Figure 5:
Pin Assignment for Different Incremental Output Modes
Mode 1.x: Quadrature A/B Output
Represents the default quadrature A/B signal mode.
Mode 2.x: Step / Direction Output
Configures pin 3 to deliver up to 512 pulses (up to 1024 state
changes) per revolution. It is equivalent to the LSB (least
significant bit) of the absolute position value. Pin 4 provides the
information of the rotational direction.
7
VSS
Negative Supply Voltage (GND).
8Prog
OTP Programming Input and Data Input for Daisy Chain mode. Internal
pull-down resistor (~74kΩ). May be connected to VSS if programming is not
used.
9DO
Data Output of Synchronous Serial Interface.
10
CLK
SSI Clock Input. Schmitt-Trigger input.
11
CSn
Chip Select. Active low; Schmitt-Trigger input, internal pull-up resistor
(~50kΩ) connect to VSS in incremental mode (see Incremental Power-up
Lock Option on page 21)
12
PWM_LSB
Pulse Width Modulation of approx. 1kHz; LSB in Mode3.x
13
NC
For internal use. Must be left unconnected.
14
NC
For internal use. Must be left unconnected.
15
VDD3V3
3V-Regulator Output (see Figure 38)
16
VDD5V
Positive Supply Voltage 5V
Output Mode
Pin 3
Pin 4
Pin 6
Pin 12
1.x: Quadrature
A
B
Index
PWM
2.x: Step/direction
LSB
Direction
Index
PWM
3.x: Commutation
U
V
W
LSB
Pin Number
Pin Name
Description


Similar Part No. - AS5140H

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H Datasheet
2Mb / 38P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140HASST AMSCO-AS5140HASST Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140HASST AMSCO-AS5140HASST Datasheet
2Mb / 38P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140HASSU AMSCO-AS5140HASSU Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
More results

Similar Description - AS5140H

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
   12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
   12-Bit Programmable Magnetic Rotary Encoder
AS5145 AMSCO-AS5145 Datasheet
1Mb / 36P
   12-Bit Programmable Magnetic Rotary Encoder
AS5045_V1 AMSCO-AS5045_V1 Datasheet
589Kb / 33P
   12 Bit Programmable Magnetic Rotary Encoder
AS5045 AMSCO-AS5045_10 Datasheet
1Mb / 34P
   12 Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5145H ETC2-AS5145H Datasheet
425Kb / 36P
   12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
   8-Bit Programmable High Speed Magnetic Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com