Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCFS4016C1C Datasheet(PDF) 5 Page - Weida Semiconductor, Inc.

Part # WCFS4016C1C
Description  256K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCFS4016C1C Datasheet(HTML) 5 Page - Weida Semiconductor, Inc.

  WCFS4016C1C Datasheet HTML 1Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 2Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 3Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 4Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 5Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 6Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 7Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 8Page - Weida Semiconductor, Inc. WCFS4016C1C Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
WCFS4016C1C
Page 5 of 10
Data Retention Characteristics Over the Operating Range
Parameter
Description
Conditions[11]
Min.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
tCDR
[3]
Chip Deselect to Data Retention Time
VCC = VDR = 3.0V,
CE > VCC – 0.3V,
VIN > VCC – 0.3V or VIN < 0.3V
0
ns
tR
[10]
Operation Recovery Time
tRC
ns
Data Retention Waveform
Switching Waveforms
Notes:
10. tr < 3 ns for the -12 and -15 speeds. tr < 5 ns for the -20 and slower speeds
11. No input may exceed VCC + 0.5V
12. Device is continuously selected. OE, CE, BHE, and/or BHE = VIL..
13. WE is HIGH for read cycle.
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
Read Cycle No. 1
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
[12, 13]


Similar Part No. - WCFS4016C1C

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
WCFS4016V1C-JC12 WEIDA-WCFS4016V1C-JC12 Datasheet
219Kb / 9P
   256K x 16 Static RAM
WCFS4016V1C-TC12 WEIDA-WCFS4016V1C-TC12 Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results

Similar Description - WCFS4016C1C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com