Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCMA1008C1X Datasheet(PDF) 1 Page - Weida Semiconductor, Inc.

Part # WCMA1008C1X
Description  128K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMA1008C1X Datasheet(HTML) 1 Page - Weida Semiconductor, Inc.

  WCMA1008C1X Datasheet HTML 1Page - Weida Semiconductor, Inc. WCMA1008C1X Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMA1008C1X Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMA1008C1X Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMA1008C1X Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMA1008C1X Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMA1008C1X Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMA1008C1X Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMA1008C1X Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
128K x 8 Static RAM
WCMA1008C1X
April 5, 2002
Features
• Voltage Range
— 4.5V–5.5V
• Low active power
— Typical active current: 6 mA @ f = fmax (70 ns speed)
• Low standby current
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE1, CE2, and OE fea-
tures
• CMOS for optimum speed/power
Functional Description
The WCMA1008C1X is a high-performance CMOS static
RAM organized as 128K words by 8 bits. Easy memory expan-
sion is provided by an active LOW Chip Enable (CE1), an ac-
tive HIGH Chip Enable (CE2), an active LOW Output Enable
(OE), and three-state drivers. This device has an automatic
power-down feature that reduces power consumption by more
than 75% when deselected.
Writing to the device is accomplished by taking Chip Enable 1
(CE1) and Write Enable (WE) inputs LOW and Chip Enable 2
(CE2) input HIGH. Data on the eight I/O pins (I/O0 through
I/O7) is then written into the location specified on the address
pins (A0 through A16).
Reading from the device is accomplished by taking Chip En-
able 1 (CE1) and Output Enable (OE) LOW while forcing Write
Enable (WE) and Chip Enable 2 (CE2) HIGH. Under these
conditions, the contents of the memory location specified by
the address pins will appear on the I/O pins.
The eight input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE1
HIGH or CE2 LOW), the outputs are disabled (OE HIGH), or
during a write operation (CE1 LOW, CE2 HIGH, and WE LOW)
The WCMA1008C1X is available in a standard 32-pin
450-mil-wide body width SOIC and 32-pin TSOP type I.
Logic Block Diagram
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
12
13
29
32
31
30
16
15
17
18
A16
A14
A12
A7
A6
A5
A4
A3
WE
V
CC
A15
A13
A8
A
9
I/O7
I/O
6
I/O5
I/O4
A2
I/O0
I/O1
I/O2
CE
OE
A10
I/O
A1
A0
A11
A18
Top View
SOIC
GND
I/O3
A17
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
TSOP I
Top View
(not to scale)
1
6
2
3
4
5
7
32
27
31
30
29
28
26
21
25
24
23
22
19
20
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
17
18
8
9
10
11
12
13
14
15
16
CE2
A15
NC
A10
I/O3
A1
A0
A3
A2
25
I/O6
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O 0
CE2
I/O 1
I/O 2
I/O 3
512x 256x 8
ARRAY
I/O 7
I/O 6
I/O 5
I/O 4
A0
CE1


Similar Part No. - WCMA1008C1X

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
WCMA1008U1X-SF55 WEIDA-WCMA1008U1X-SF55 Datasheet
237Kb / 12P
   128K x 8 Static RAM
WCMA1008U1X-SF70 WEIDA-WCMA1008U1X-SF70 Datasheet
237Kb / 12P
   128K x 8 Static RAM
WCMA1008U1X-TF55 WEIDA-WCMA1008U1X-TF55 Datasheet
237Kb / 12P
   128K x 8 Static RAM
WCMA1008U1X-TF70 WEIDA-WCMA1008U1X-TF70 Datasheet
237Kb / 12P
   128K x 8 Static RAM
More results

Similar Description - WCMA1008C1X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com