Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCMA1008U1X-TF55 Datasheet(PDF) 5 Page - Weida Semiconductor, Inc.

Part # WCMA1008U1X-TF55
Description  128K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMA1008U1X-TF55 Datasheet(HTML) 5 Page - Weida Semiconductor, Inc.

  WCMA1008U1X-TF55 Datasheet HTML 1Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMA1008U1X-TF55 Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
WCMA1008U1X
5
Switching Characteristics Over the Operating Range[5]
Parameter
Description
WCMA1008U1X-55
WCMA1008U1X-70
Unit
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
55
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
5
10
ns
tACE
CE1 LOW and CE2 HIGH to Data Valid
55
70
ns
tDOE
OE LOW to Data Valid
20
35
ns
tLZOE
OE LOW to Low Z[6]
10
10
ns
tHZOE
OE HIGH to High Z[6, 7]
20
25
ns
tLZCE
CE1 LOW and CE2 HIGH to Low Z
[6]
10
10
ns
tHZCE
CE1 HIGH or CE2 LOW to High Z
[6, 7]
20
25
ns
tPU
CE1 LOW and CE2 HIGH to Power-Up
0
0
ns
tPD
CE1 HIGH or CE2 LOW to Power-Down
55
70
ns
WRITE CYCLE[8,]
tWC
Write Cycle Time
55
70
ns
tSCE
CE1 LOW and CE2 HIGH to Write End
45
60
ns
tAW
Address Set-Up to Write End
45
60
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-Up to Write Start
0
0
ns
tPWE
WE Pulse Width
45
55
ns
tSD
Data Set-Up to Write End
25
30
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE
WE LOW to High Z[6, 7]
20
25
ns
tLZWE
WE HIGH to Low Z[6]
5
5
ns
Notes:
5.
Test conditions assume signal transition time of 5 ns or less, timing reference levels of VCC(typ.)/2, input pulse levels of 0 to VCC(typ.), and output loading of the
specified IOL/IOH and 30 pF load capacitance.
6.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7.
tHZOE, tHZCE, and tHZWE transitions are measured when the outputs enter a high impedance state.
8.
The internal write time of the memory is defined by the overlap of WE, CE1 = VIL and CE2 = VIH. All signals must be ACTIVE to initiate a write and any of these
signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that terminates the write.


Similar Part No. - WCMA1008U1X-TF55

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-GF55 WEIDA-WCMA1008C1X-GF55 Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-GF70 WEIDA-WCMA1008C1X-GF70 Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-TF55 WEIDA-WCMA1008C1X-TF55 Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008C1X-TF70 WEIDA-WCMA1008C1X-TF70 Datasheet
211Kb / 11P
   128K x 8 Static RAM
More results

Similar Description - WCMA1008U1X-TF55

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com