Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCMB2016R4X-FF70 Datasheet(PDF) 7 Page - Weida Semiconductor, Inc.

Part # WCMB2016R4X-FF70
Description  128K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMB2016R4X-FF70 Datasheet(HTML) 7 Page - Weida Semiconductor, Inc.

Back Button WCMB2016R4X-FF70 Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMB2016R4X-FF70 Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMB2016R4X-FF70 Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMB2016R4X-FF70 Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMB2016R4X-FF70 Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMB2016R4X-FF70 Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMB2016R4X-FF70 Datasheet HTML 9Page - Weida Semiconductor, Inc. WCMB2016R4X-FF70 Datasheet HTML 10Page - Weida Semiconductor, Inc. WCMB2016R4X-FF70 Datasheet HTML 11Page - Weida Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
WCMB2016R4X
Note:
15. Data I/O is high impedance if OE = VIH.
16. If CE goes HIGH simultaneously with WE HIGH, the output remains in a high-impedance state.
17. During this period, the I/Os are in output state and input signals should not be applied.
Switching Waveforms
tHD
tSD
tPWE
tSA
tHA
tAW
tWC
DATA I/O
ADDRESS
CE
WE
OE
tHZOE
DATAIN VALID
NOTE
Write Cycle No. 1 (WE Controlled)
[11, 15, 16]
17
BHE/BLE
tBW
tSCE
tHD
tSD
tPWE
tHA
tAW
tSCE
tWC
tHZOE
DATAIN VALID
CE
ADDRESS
WE
DATA I/O
OE
NOTE 17
Write Cycle No. 2 (CE Controlled)
BHE/BLE
tBW
[11, 15, 16]
tSA


Similar Part No. - WCMB2016R4X-FF70

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMB4016R4X WEIDA-WCMB4016R4X Datasheet
218Kb / 12P
   256K x 16 Static RAM
WCMB4016R4X-FF70 WEIDA-WCMB4016R4X-FF70 Datasheet
218Kb / 12P
   256K x 16 Static RAM
More results

Similar Description - WCMB2016R4X-FF70

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
logo
Cypress Semiconductor
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com