Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCMC1616V9X Datasheet(PDF) 4 Page - Weida Semiconductor, Inc.

Part # WCMC1616V9X
Description  1Mb x 16 Pseudo Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMC1616V9X Datasheet(HTML) 4 Page - Weida Semiconductor, Inc.

  WCMC1616V9X Datasheet HTML 1Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ADVANCE INFORMATION
WCMC1616V9X
Document #: 38-14027 Rev. **
Page 4 of 13
DC Electrical Characteristics (Over the Operating Range)
Capacitance [10]
Thermal Resistance[10]
Parameter
Description
Test Conditions
WCMC1616V9X-70
Unit
Min.
Typ.[8]
Max.
Vcc
Supply Voltage
2.7
3.3
V
VOH
Output HIGH Voltage
IOH = −1 mA
VCC - 0.4
V
VOL
Output LOW Voltage
IOL = 2 mA
0.4
V
VIH
Input HIGH Voltage
0.8*VCC
VCC + 0.4
V
VIL
Input LOW Voltage
F = 0
−0.4
0.4
V
IIX
Input Leakage Current
GND < VI < Vcc
−1
+1
µA
IOZ
Output Leakage Current
GND < VO < Vcc, Output Disabled
−1
+1
µA
ICC
VCC Operating Supply
Current
f = fMAX = 1/tRC
Vcc = 3.3V,
IOUT = 0mA,
CMOS level
13
17
mA
f = 1 MHz
2
3.5
ISB1
Automatic CE Power-down
Current
− CMOS Inputs
CE > VCCQ − 0.2V, CE2 < 0.2V
VIN > VCCQ − 0.2V, VIN < 0.2V,
f = fMAX(Address and Data Only),
f = 0 (OE, WE, BHE and BLE)
100
525
µA
ISB2
Automatic CE Power-down
Current
− CMOS Inputs
CE > VCCQ − 0.2V, CE2 < 0.2V
VIN > VCCQ − 0.2V or VIN < 0.2V,
f = 0, VCC =3.3V
80
150
µA
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz
VCC = VCC(typ)
8
pF
COUT
Output Capacitance
8
pF
Parameter
Description
Test Conditions
FBGA
Unit
θ
JA
Thermal Resistance (Junction to
Ambient)
Still Air, soldered on a 3 x 4.5 inch, two-layer
printed circuit board
55
°C/W
θ
JC
Thermal Resistance (Junction to
Case)
17
°C/W
Note:
10. Tested initially and after design or process changes that may affect these parameters.


Similar Part No. - WCMC1616V9X

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMC2016V1X WEIDA-WCMC2016V1X Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XW11I WEIDA-WCMC2016V1X-2XW11I Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XW14I WEIDA-WCMC2016V1X-2XW14I Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XWI WEIDA-WCMC2016V1X-2XWI Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
   8Mb (512K x 16) Pseudo Static RAM
More results

Similar Description - WCMC1616V9X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK001M16ZCCA CYPRESS-CYK001M16ZCCA Datasheet
321Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFE CYPRESS-CYU01M16SFE Datasheet
508Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFCU CYPRESS-CYU01M16SFCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Weida Semiconductor, In...
CG6263AM WEIDA-CG6263AM Datasheet
216Kb / 12P
   2Mb (128K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYU01M16SCE CYPRESS-CYU01M16SCE Datasheet
490Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L16161DA ESMT-M24L16161DA Datasheet
354Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Weida Semiconductor, In...
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
   8Mb (512K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L16161ZA ESMT-M24L16161ZA Datasheet
384Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK001M16SCCA CYPRESS-CYK001M16SCCA Datasheet
178Kb / 10P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Weida Semiconductor, In...
CG6257AM WEIDA-CG6257AM Datasheet
264Kb / 12P
   4Mb (256K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com