Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCMC1616V9X-FI70 Datasheet(PDF) 10 Page - Weida Semiconductor, Inc.

Part # WCMC1616V9X-FI70
Description  1Mb x 16 Pseudo Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMC1616V9X-FI70 Datasheet(HTML) 10 Page - Weida Semiconductor, Inc.

Back Button WCMC1616V9X-FI70 Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMC1616V9X-FI70 Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMC1616V9X-FI70 Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMC1616V9X-FI70 Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMC1616V9X-FI70 Datasheet HTML 9Page - Weida Semiconductor, Inc. WCMC1616V9X-FI70 Datasheet HTML 10Page - Weida Semiconductor, Inc. WCMC1616V9X-FI70 Datasheet HTML 11Page - Weida Semiconductor, Inc. WCMC1616V9X-FI70 Datasheet HTML 12Page - Weida Semiconductor, Inc. WCMC1616V9X-FI70 Datasheet HTML 13Page - Weida Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ADVANCE INFORMATION
WCMC1616V9X
Document #: 38-14027 Rev. **
Page 10 of 13
Truth Table[19]
CE
CE 2
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
H
H
X
X
X
X
High Z
Deselect/Power-Down
Standby (ISB)
X
H
X
X
H
H
High Z
Deselect/Power-Down
Standby (ISB)
X
L
L
X
X
X
High Z
Deselect/Power-Down
Standby (ISB)
L
H
H
L
L
L
Data Out (I/O0–I/O15)
Read
Active (ICC)
L
H
H
L
H
L
Data Out (I/O0–I/O7);
I/O8–I/O15 in High Z
Read
Active (ICC)
L
H
H
L
L
H
Data Out (I/O8–I/O15);
I/O0–I/O7 in High Z
Read
Active (ICC)
L
H
H
H
L
L
High Z
Output Disabled
Active (ICC)
L
H
H
H
H
L
High Z
Output Disabled
Active (ICC)
L
H
H
H
L
H
High Z
Output Disabled
Active (ICC)
L
H
L
X
L
L
Data In (I/O0–I/O15)
Write (Upper Byte and Lower
Byte)
Active (ICC)
L
H
L
X
H
L
Data In (I/O0–I/O7);
I/O8–I/O15 in High Z
Write (Lower Byte Only)
Active (ICC)
L
H
L
X
L
H
Data In (I/O8–I/O15);
I/O0 –I/O7 in High Z
Write (Upper Byte Only)
Active (ICC)
Notes:
19.
H = V
IH, L = VIL, X = Don’t Care


Similar Part No. - WCMC1616V9X-FI70

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMC2016V1X WEIDA-WCMC2016V1X Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XW11I WEIDA-WCMC2016V1X-2XW11I Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XW14I WEIDA-WCMC2016V1X-2XW14I Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XWI WEIDA-WCMC2016V1X-2XWI Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
   8Mb (512K x 16) Pseudo Static RAM
More results

Similar Description - WCMC1616V9X-FI70

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK001M16ZCCA CYPRESS-CYK001M16ZCCA Datasheet
321Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFE CYPRESS-CYU01M16SFE Datasheet
508Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFCU CYPRESS-CYU01M16SFCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Weida Semiconductor, In...
CG6263AM WEIDA-CG6263AM Datasheet
216Kb / 12P
   2Mb (128K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYU01M16SCE CYPRESS-CYU01M16SCE Datasheet
490Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L16161DA ESMT-M24L16161DA Datasheet
354Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Weida Semiconductor, In...
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
   8Mb (512K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L16161ZA ESMT-M24L16161ZA Datasheet
384Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK001M16SCCA CYPRESS-CYK001M16SCCA Datasheet
178Kb / 10P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Weida Semiconductor, In...
CG6257AM WEIDA-CG6257AM Datasheet
264Kb / 12P
   4Mb (256K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com