Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCSS0418V1F-117 Datasheet(PDF) 4 Page - Weida Semiconductor, Inc.

Part # WCSS0418V1F-117
Description  256K x 18 Synchronous 3.3V Cache RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCSS0418V1F-117 Datasheet(HTML) 4 Page - Weida Semiconductor, Inc.

  WCSS0418V1F-117 Datasheet HTML 1Page - Weida Semiconductor, Inc. WCSS0418V1F-117 Datasheet HTML 2Page - Weida Semiconductor, Inc. WCSS0418V1F-117 Datasheet HTML 3Page - Weida Semiconductor, Inc. WCSS0418V1F-117 Datasheet HTML 4Page - Weida Semiconductor, Inc. WCSS0418V1F-117 Datasheet HTML 5Page - Weida Semiconductor, Inc. WCSS0418V1F-117 Datasheet HTML 6Page - Weida Semiconductor, Inc. WCSS0418V1F-117 Datasheet HTML 7Page - Weida Semiconductor, Inc. WCSS0418V1F-117 Datasheet HTML 8Page - Weida Semiconductor, Inc. WCSS0418V1F-117 Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
WCSS0418V1F
Document #: 38-05245 Rev. **
Page 4 of 18
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. Maximum access delay from
the clock rise (tCDV) is 7.5 ns (117-MHz device).
The WCSS0418V1F supports secondary cache in systems
utilizing either a linear or interleaved burst sequence. The in-
terleaved burst order supports Pentium and i486 processors.
The linear burst sequence is suited for processors that utilize
a linear burst sequence. The burst order is user selectable,
and is determined by sampling the MODE input. Accesses can
be initiated with either the Processor Address Strobe (ADSP)
or the Controller Address Strobe (ADSC). Address advance-
ment through the burst sequence is controlled by the ADV in-
put. A two-bit on-chip wraparound burst counter captures the
first address in a burst sequence and automatically increments
the address for the rest of the burst access.
Byte write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BW[3:0]) inputs. A Global Write
Enable (GW) overrides all byte write inputs and writes data to
all four bytes. All writes are simplified with on-chip synchro-
nous self-timed write circuitry.
Three synchronous Chip Selects (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank se-
lection and output three-state control. ADSP is ignored if CE1
is HIGH.
Single Read Accesses
A single read access is initiated when the following conditions
are satisfied at clock rise: (1) CE1, CE2, and CE3 are all as-
serted active, and (2) ADSP or ADSC is asserted LOW (if the
access is initiated by ADSC, the write inputs must be deassert-
ed during this first cycle). The address presented to the ad-
dress inputs is latched into the address register and the burst
counter/control logic and presented to the memory core. If the
OE input is asserted LOW, the requested data will be available
at the data outputs a maximum to tCDV after clock rise. ADSP
is ignored if CE1 is HIGH.
Single Write Accesses Initiated by ADSP
This access is initiated when the following conditions are sat-
isfied at clock rise: (1) CE1, CE2, and CE3 are all asserted
active, and (2) ADSP is asserted LOW. The addresses pre-
sented are loaded into the address register and the burst
counter/control logic and delivered to the RAM core. The write
inputs (GW, BWE, and BWS[1:0]) are ignored during this first
clock cycle. If the write inputs are asserted active (see Write
Cycle Descriptions table for appropriate states that indicate a
write) on the next clock rise, the appropriate data will be
latched and written into the device. Byte writes are allowed.
During byte writes, BWS0 controls DQ[7:0] and DP0 while
BWS1 controls DQ[15:8] and DP1. All I/Os are three-stated dur-
ing a byte write. Since these are common I/O devices, the
asynchronous OE input signal must be deasserted and the
CE2
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction with
CE1 and CE3 to select/deselect the device.
CE3
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE1
and CE2 to select/deselect the device.
OE
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Controls the direction of the I/O pins. When LOW,
the I/O pins behave as outputs. When deasserted HIGH, I/O pins are three-stated, and act as input
data pins.
ZZ
Input-
Asynchronous
Snooze Input. Active HIGH asynchronous. When HIGH, the device enters a low-power standby
mode in which all other inputs are ignored, but the data in the memory array is maintained. Leaving
ZZ floating or NC will default the device into an active state. ZZ pin has an internal pull-down.
MODE
-
Mode Input. Selects the burst order of the device. Tied HIGH selects the interleaved burst order.
Pulled LOW selects the linear burst order. When left floating or NC, defaults to interleaved burst
order. Mode pin has an internal pull-up.
DQ[15:0]
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that is triggered by
the rising edge of CLK. As outputs, they deliver the data contained in the memory location specified
by A[17:0] during the previous clock rise of the read cycle. The direction of the pins is controlled by
OE in conjunction with the internal control logic. When OE is asserted LOW, the pins behave as
outputs. When HIGH, DQ[15:0] and DP[1:0] are placed in a three-state condition. The outputs are
automatically three-stated when a WRITE cycle is detected.
DP[1:0]
I/O-
Synchronous
Bidirectional Data Parity lines. These behave identical to DQ[15:0] described above. These signals
can be used as parity bits for bytes 0 and 1 respectively.
VDD
Power Supply
Power supply inputs to the core of the device. Should be connected to 3.3V power supply.
VSS
Ground
Ground for the device. Should be connected to ground of the system.
VDDQ
I/O Power
Supply
Power supply for the I/O circuitry. Should be connected to a 2.5 or 3.3V power supply.
NC
-
No connects.
DNU
-
Do not use pins. Should be left unconnected or tied LOW.
Pin Descriptions (continued)
Name
I/O
Description


Similar Part No. - WCSS0418V1F-117

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCSS0418V1F-117 WEIDA-WCSS0418V1F-117 Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
More results

Similar Description - WCSS0418V1F-117

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
CY7C1031 CYPRESS-CY7C1031 Datasheet
282Kb / 13P
   64K x 18 Synchronous Cache RAM
CY7C179 CYPRESS-CY7C179 Datasheet
1Mb / 12P
   32K x 18 Synchronous Cache RAM
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
GSI Technology
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com