Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTBL2412-G2 Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTBL2412-G2
Description  Marktech Side View Element 26.3 x 15.5mm Backlighter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTBL2412-G2 Datasheet(HTML) 1 Page - Marktech Corporate

  MTBL2412-G2 Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Marktech Side View Element 26.3 x 15.5mm Backlighter
Features
Durable Acrylic Panel − Offers sturdy mechanical support and device stability.
Design flexibility − Available in a variety sizes and colors to suit most any application.
Low power consumption − Uses far less power than standard incandescent EL or CCFL light sources.
Long lifetimes − Typically 100k hours.
Applications
Backlighting of LCD Displays Panels and Symbols
Illumination of Large Surface Areas
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314
Electrical and Optical Characteristics (Ta=25
o
C)
Part
Number
PWL nm
λP
Material
View
Angle
2
θ1/2
Luminous Intensity
Iv
Forward Voltage
VF
min.
typ.
max.
IF@
min.
typ.
max.
IF@
MTBL2412−G2
574
InGaAlP
150.00−
20mA−
4.20−
20mA
nm
deg
mcd
V


Similar Part No. - MTBL2412-G2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTBL2412-G MARKTECH-MTBL2412-G Datasheet
31Kb / 1P
   LED LUMINATORS?
More results

Similar Description - MTBL2412-G2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTBL2315-G MARKTECH-MTBL2315-G Datasheet
257Kb / 1P
   Marktech Side View Element 72.0 x 11.0mm Backlighter
MTBL2418-G2 MARKTECH-MTBL2418-G2 Datasheet
269Kb / 1P
   Marktech Side View Element 38.3 x 23.0mm Backlighter
MTBL2325-G MARKTECH-MTBL2325-G Datasheet
44Kb / 1P
   Marktech Side View Element 52.6 x 30.0mm Backlighter
MTBL2418-G MARKTECH-MTBL2418-G Datasheet
199Kb / 1P
   Marktech Side View Element 34.9 x 23.3mm Backlighter
MTBL2411-G MARKTECH-MTBL2411-G Datasheet
204Kb / 1P
   Marktech Side View Element 48.3 x 19.8mm Backlighter
MTBL2411-G2 MARKTECH-MTBL2411-G2 Datasheet
285Kb / 1P
   Marktech Side View Element 30.6 x 16.7mm Backlighter
MTBL2311-G MARKTECH-MTBL2311-G Datasheet
184Kb / 3P
   Marktech Side View COB 68.7 x 34.0mm Backlighter
MTBL8526-WT MARKTECH-MTBL8526-WT Datasheet
192Kb / 1P
   Marktech Side View COB 104.7 x 83.0mm Backlighter
MTBL8628-BL MARKTECH-MTBL8628-BL Datasheet
250Kb / 1P
   Marktech Side View COB 67.0 x 60.0mm Backlighter
MTBL2237-G MARKTECH-MTBL2237-G Datasheet
194Kb / 1P
   Marktech Side View COB 40.0 x 17.6mm Backlighter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com