Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1105SB Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD1105SB
Description  DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED PAIR MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1105SB Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD1105SB Datasheet HTML 1Page - Advanced Linear Devices ALD1105SB Datasheet HTML 2Page - Advanced Linear Devices ALD1105SB Datasheet HTML 3Page - Advanced Linear Devices ALD1105SB Datasheet HTML 4Page - Advanced Linear Devices ALD1105SB Datasheet HTML 5Page - Advanced Linear Devices ALD1105SB Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ALD1105
Advanced Linear Devices
4
N- CHANNEL TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CHARACTERISTICS
20
15
10
0
5
VBS = 0V
TA = 25°C
VGS = 12V
10V
8V
6V
4V
2V
DRAIN SOURCE VOLTAGE (V)
02
4
6
8
10
12
LOW VOLTAGE OUTPUT
CHARACTERISTICS
DRAIN SOURCE VOLTAGE (mV)
-160
-80
0
80
160
-1000
1000
500
0
-500
4V
VGS = 12V
6V
VBS = 0V
TA = 25°C
2V
FORWARD TRANSCONDUCTANCE
vs. DRAIN SOURCE VOLTAGE
DRAIN SOURCE VOLTAGE (V)
20
10
2
1
0.5
5
0.2
02
4
6
8
10
12
IDS = 1mA
TA = +25°C
IDS = 10mA
TA = +125°C
VBS = 0V
f = 1KHz
GATE SOURCE VOLTAGE (V)
TRANSFER CHARACTERISTIC
WITH SUBSTRATE BIAS
20
15
10
5
0
0
0.8
1.6
2.4
3.2
4.0
VBS = 0V
-2V
-4V
-6V
-8V
-10V
-12V
VGS = VDS
TA = 25°C
GATE SOURCE VOLTAGE (V)
DRAIN SOURCE ON RESISTANCE
RDS (ON) vs. GATE SOURCE VOLTAGE
100
10
1
0.1
2
0
4
6
8
10
12
VDS = 0.2V
VBS = 0V
TA = +25°C
TA = +125°C
OFF DRAIN CURRENT vs.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
-50
-25
+25
+50
+75
+125
+100
0
VDS = +12V
VGS = VBS = 0V
1
10
100
1000


Similar Part No. - ALD1105SB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1105SBL ALD-ALD1105SBL Datasheet
101Kb / 9P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1105SBL ADL-ALD1105SBL Datasheet
77Kb / 8P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
More results

Similar Description - ALD1105SB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1103 ALD-ALD1103 Datasheet
68Kb / 6P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105_12 Datasheet
101Kb / 9P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_16 Datasheet
93Kb / 9P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_12 Datasheet
101Kb / 9P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1103 ADL-ALD1103 Datasheet
77Kb / 8P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1105 ADL-ALD1105 Datasheet
77Kb / 8P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
logo
Advanced Linear Devices
ALD1102 ALD-ALD1102 Datasheet
27Kb / 4P
   DUAL P-CHANNEL MATCHED MOSFET PAIR
1998
logo
ADL Embedded Solutions
ALD1102A ADL-ALD1102A Datasheet
67Kb / 7P
   DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
logo
Advanced Linear Devices
ALD1102 ALD-ALD1102_12 Datasheet
62Kb / 6P
   DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1101A ADL-ALD1101A Datasheet
66Kb / 7P
   DUAL N-CHANNEL MATCHED MOSFET PAIR
2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com