Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2726 Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD2726
Description  DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2726 Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD2726 Datasheet HTML 1Page - Advanced Linear Devices ALD2726 Datasheet HTML 2Page - Advanced Linear Devices ALD2726 Datasheet HTML 3Page - Advanced Linear Devices ALD2726 Datasheet HTML 4Page - Advanced Linear Devices ALD2726 Datasheet HTML 5Page - Advanced Linear Devices ALD2726 Datasheet HTML 6Page - Advanced Linear Devices ALD2726 Datasheet HTML 7Page - Advanced Linear Devices ALD2726 Datasheet HTML 8Page - Advanced Linear Devices ALD2726 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Advanced Linear Devices
ALD2726E/ALD2726
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
TA = 25
oC VS =
±2.5V unless otherwise specified
2726E
2726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Supply Current
IS
50
80
50
80
µAVIN = 0V
No Load
Power Dissipation
PD
400
400
µWVS = ±2.5V
Input Capacitance
CIN
11
pF
Maximum Load Capacitance
CL
25
25
pF
Equivalent Input Noise Voltage
en
55
55
nV/
√Hz
f = 1KHz
Equivalent Input Noise Current
in
0.6
0.6
fA/
√Hz
f =10Hz
Bandwidth
BW
200
200
KHz
Slew Rate
SR
0.1
0.1
V/
µsAV = +1
RL = 100KΩ
Rise time
tr
1.0
1.0
µsRL = 100KΩ
Overshoot Factor
20
20
%
RL=100KΩ
CL=25pF
Settling Time
tS
10
10
µs
0.1% AV = -1
RL= 100KΩ
CL = 25pF
Channel Separation
CS
140
140
dB
AV =100
* NOTES 1 through 9, see section titled "Definitions and Design Notes".
TA = 25
oC VS = ±2.5V unless otherwise specified
2726E
2726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Average Long Term Input Offset
∆ VOS
0.02
0.02
µV/
Voltage Stability 9
∆ time
1000 hrs
Initial VE Voltage
VE1 i, VE2 i
1.5
1.8
V
Programmable Change of
∆VE1, ∆VE2
0.5
1.0
0.5
V
VE Range
Programmed VE Voltage Error
e(VE1-VE2)
0.1
0.1
%
VE Pin Leakage Current
ieb
-5
-5
µA


Similar Part No. - ALD2726

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2726DB ALD-ALD2726DB Datasheet
111Kb / 13P
   DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2726E ALD-ALD2726E Datasheet
111Kb / 13P
   DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2726EDB ALD-ALD2726EDB Datasheet
111Kb / 13P
   DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2726EPB ALD-ALD2726EPB Datasheet
111Kb / 13P
   DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2726EPB ALD-ALD2726EPB Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
More results

Similar Description - ALD2726

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721 Datasheet
58Kb / 10P
   DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
ALD1726E ALD-ALD1726E Datasheet
65Kb / 10P
   EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD2722 ALD-ALD2722 Datasheet
58Kb / 10P
   DUAL EPAD TM OPERATIONAL AMPLIFIER
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
   EPAD??MICROPOWER OPERATIONAL AMPLIFIER
ALD1722E ALD-ALD1722E Datasheet
64Kb / 10P
   EPAD??OPERATIONAL AMPLIFIER
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com