Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4554VT Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4554VT
Description  Low Power & Small Package 16bit ?誇 CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4554VT Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4554VT Datasheet HTML 7Page - Asahi Kasei Microsystems AK4554VT Datasheet HTML 8Page - Asahi Kasei Microsystems AK4554VT Datasheet HTML 9Page - Asahi Kasei Microsystems AK4554VT Datasheet HTML 10Page - Asahi Kasei Microsystems AK4554VT Datasheet HTML 11Page - Asahi Kasei Microsystems AK4554VT Datasheet HTML 12Page - Asahi Kasei Microsystems AK4554VT Datasheet HTML 13Page - Asahi Kasei Microsystems AK4554VT Datasheet HTML 14Page - Asahi Kasei Microsystems AK4554VT Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ASAHI KASEI
[AK4554]
MS0325-E-01
2005/08
- 11 -
Power-down & Reset
The ADC and DAC of AK4554 are placed in the power-down mode by bringing each power down pin, PWADN,
PWDAN = “L” independently and each digital filter is also reset at the same time. These resets should always be done
after power-up. In case of the ADC, an anlog initialization cycle starts after exiting the power-down mode. Therefore, the
output data, SDTO becomes available after 2081 cycles of LRCK clock. This initialization cycle does not affect the DAC
operation. Figure 5 shows the power-up sequence when the ADC is powered up before the DAC power-up.
Idle Noise
The clocks may be stopped.
ADC Internal
State
PWADN
2081/fs
Normal Operation
Power-down
Init Cycle
Normal Operation
GD
GD
Clock In
MCLK,LRCK,SCLK
ADC In
(Analog)
Idle Noise
“0”data
ADC Out
(Digital)
PWDAN
Normal Operation
Power-down
Normal Operation
DAC Internal
State
“0”data
DAC In
(Digital)
DAC Out
(Analog)
GD
External
Mute
Mute ON
GD
Figure 5. Power-up Sequence


Similar Part No. - AK4554VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4550 AKM-AK4550 Datasheet
845Kb / 22P
   EVALUATION BOARD REV.C FOR AK4550
AK4550VT AKM-AK4550VT Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4551 AKM-AK4551 Datasheet
110Kb / 17P
   EVALUATION BOARD REV.C FOR AK4551
More results

Similar Description - AK4554VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4555 AKM-AK4555 Datasheet
192Kb / 17P
   Low Power & Small Package 20bit ?誇 CODEC
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4556 AKM-AK4556 Datasheet
182Kb / 22P
   3V 192kHz 24Bit ?誇 CODEC
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
AK5355 AKM-AK5355 Datasheet
120Kb / 14P
   LOW POWER 16BIT ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com