Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4554 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4554
Description  Low Power & Small Package 16bit ?誇 CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4554 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4554 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4554 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4554 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4554 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4554 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4554 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4554 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4554 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4554 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ASAHI KASEI
[AK4554]
MS0325-E-01
2005/08
- 4 -
ABSOLUTE MAXIMUM RATINGS
(VSS=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supply
VDD
−0.3
4.6
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Input Voltage
VIN
−0.3
VDD+0.3
V
Ambient Temperature (power applied)
Ta
−40
85
°C
Storage Temperature
Tstg
−65
150
°C
Note 1. All voltages with respect to ground.
WARNING: Operation at or beyond these limits may results in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(VSS=0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supply
VDD
1.6
2.5
3.6
V
Note 1. All voltages with respect to ground.
*AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AKD4554

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4554 AKM-AKD4554 Datasheet
822Kb / 27P
   Evaluation board Rev.0 for AK4554
AKD4554-E AKM-AKD4554-E Datasheet
822Kb / 27P
   Evaluation board Rev.0 for AK4554
More results

Similar Description - AKD4554

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4555 AKM-AK4555 Datasheet
192Kb / 17P
   Low Power & Small Package 20bit ?誇 CODEC
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4556 AKM-AK4556 Datasheet
182Kb / 22P
   3V 192kHz 24Bit ?誇 CODEC
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
AK5355 AKM-AK5355 Datasheet
120Kb / 14P
   LOW POWER 16BIT ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com