Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4632 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4632
Description  16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4632 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4632 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4632 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
ASAHI KASEI
[AK4632]
MS0396-E-00
2005/06
- 8 -
Parameter
min
typ
max
Units
Speaker-Amp Characteristics: SPP/SPN pins, MIN
SPP/SPN, ALC2=OFF, RL=8Ω, BTL, SVDD=3.3V
Output Voltage
SPKG1-0 bits =
“00” (-0.5dBFS)
2.47
3.09
3.71
Vpp
(Note 14)
SPKG1-0 bits =
“01” (-0.5dBFS)
3.10
4.00
4.80
Vpp
S/(N+D)
at 150mW Output
20
60
-
dB
at 240mW Output
-
50
-
dB
at 400mW Output
-
20
-
dB
S/N (Note 16)
80
90
-
dB
Load Resistance
8
-
-
Load Capacitance
-
-
30
pF
Speaker-Amp Characteristics: MIN
SPP/SPN pins, ALC2=OFF, CL=3µF, Rserial=10Ω x 2, BTL, SVDD=5.0V
SPKG1-0 bits =
“10”
-
6.72
-
Vpp
Output Voltage
(Note 14)
SPKG1-0 bits =
“11”
6.80
8.50
10.20
Vpp
SPKG1-0 bits =
“10”
-
60
-
dB
S/(N+D) (Note 14)
(Note 15)
SPKG1-0 bits =
“11”
20
50
-
dB
S/N (Note 15) (Note 16)
80
80
90
dB
Load Impedance (Note 17)
50
-
-
Load Capacitance
-
-
3
µF
BEEP Input: BEEP pin, External Input Resistance= 20k
Maximum Input Voltage (Note 18)
-
1.98
-
Vpp
Output Voltage (Input Voltage=0.6Vpp)
BEEP
SPP/SPN (SPKG1-0 bits =
“00”)
0.74
1.48
2.22
Vpp
BEEP
AOUT
0.3
0.6
0.9
Vpp
Mono Input: MIN pin
Maximum Input Voltage (Note 19)
-
2.18
-
Vpp
Input Resistance
(Note 20)
12
24
36
k
Mono Output: MOUT pin, DAC
→ MOUT
Output Voltage
(Note 21)
1.78
1.98
2.18
Vpp
Load Resistance
10
-
-
k
Load Capacitance
-
-
30
pF
Note 14. The full scale of Input signal of MIN pin is 1.98Vpp.
Note 15. In case of measuring between SPP pin and SPN pin directly.
Note 16. There are no relations with the setup of SPKG1-0 bits, and it is the same value.
Note 17. Load impedance is total impedance of series resistance and piezo speaker impedance at 1kHz in Figure 35. Load
capacitance is capacitance of piezo speaker. When piezo speaker is used, 10
Ω or more series resistors should be
connected at both SPP and SPN pins, respectively.
Note 18. The maximum input voltage of the BEEP is proportional to AVDD voltage and external input resistance(Rin).
Vout = 0.6 x AVDD x Rin/20k
Ω(max).
Note 19. Maximum Input Voltage is proportional to AVDD voltage. Vin = 0.66 x AVDD (max)
Note 20. When ALC2 Gain is changed, this typical value changes between 22k
Ω and 26kΩ.
Note 21. Output Voltage is proportional to AVDD voltage. Vout = 0.6 x AVDD (typ)


Similar Part No. - AKD4632

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD4632-A AKM-AKD4632-A Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
More results

Similar Description - AKD4632

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4640 AKM-AK4640_05 Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com