Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5358ET Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK5358ET
Description  96kHz 24-Bit ?誇 ADC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5358ET Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK5358ET Datasheet HTML 1Page - Asahi Kasei Microsystems AK5358ET Datasheet HTML 2Page - Asahi Kasei Microsystems AK5358ET Datasheet HTML 3Page - Asahi Kasei Microsystems AK5358ET Datasheet HTML 4Page - Asahi Kasei Microsystems AK5358ET Datasheet HTML 5Page - Asahi Kasei Microsystems AK5358ET Datasheet HTML 6Page - Asahi Kasei Microsystems AK5358ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK5358ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK5358ET Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ASAHI KASEI
[AK5358]
MS0438-E-00
2005/11
- 2 -
Ordering Guide
AK5358ET
−20 ∼ +85°C
16pin TSSOP (0.65mm pitch)
AKD5358
Evaluation Board for AK5358
Pin Layout
CKS1
VCOM
VD
DGND
AINR
AINL
AGND
VA
Top View
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
DIF
PDN
LRCK
MCLK
SCLK
CKS2
CKS0
SDTO
Compatibility with AK5357, AK5359 and AK5381
AK5357
AK5358
AK5381
AK5359
fs
4kHz to 96kHz
8kHz to 96kHz
4kHz to 96kHz
8kHz to 216kHz
S/(N+D)
88dB
92dB
96dB
94dB
DR
102dB
102dB
106dB
102dB
VIH@TTL Level Mode
2.2V
2.2V
2.4V
Not Available
VA (Analog Supply)
2.7 to 5.5V
4.5 to 5.5V
4.5 to 5.5V
4.5 to 5.5V
2.7 to 5.5V
VD (Digital Supply)
2.7 to 5.5V
2.7 to 3.6V
3.0 to 5.5V @96kHz
3.0 to 5.5V
HPF Disable
Available
Not Available
Available
Available
Operating Temperature
ET:
−20 ∼ +85°C
VT:
−40 ∼ +85°C
ET:
−20 ∼ +85°C
ET:
−20 ∼ +85°C
VT:
−40 ∼ +85°C
XT:
−40 ∼ +85°C
ET:
−20 ∼ +85°C
VT:
−40 ∼ +85°C


Similar Part No. - AK5358ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358AET AKM-AK5358AET Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5358BET AKM-AK5358BET Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
More results

Similar Description - AK5358ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5367 AKM-AK5367 Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5367A AKM-AK5367A Datasheet
493Kb / 28P
   96kHz 24-Bit ?誇 ADC with 0V Bias Selector
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
   100dB 96kHz 24-Bit 2ch ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com