Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5359ET Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK5359ET
Description  24-Bit 192kHz ?誇 ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5359ET Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK5359ET Datasheet HTML 1Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 2Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 3Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 4Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 5Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 6Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK5359ET Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ASAHI KASEI
[AK5359]
MS0428-E-00
2005/09
- 3 -
PIN / FUNCTION
No.
Pin Name
I/O
Function
1
AINR
I
Rch Analog Input Pin
2
AINL
I
Lch Analog Input Pin
3
CKS1
I
Mode Select 1 Pin
4
VCOM
O
Common Voltage Output Pin, VA/2
Bias voltage of ADC input.
5
AGND
-
Analog Ground Pin
6
VA
-
Analog Power Supply Pin, 4.5
∼ 5.5V
7
VD
-
Digital Power Supply Pin, 3.0
∼ 5.5V
8
DGND
-
Digital Ground Pin
9
SDTO
O
Audio Serial Data Output Pin
“L” Output at Power-down mode.
10
LRCK
I/O
Output Channel Clock Pin
“L” Output in Master Mode at Power-down mode.
11
MCLK
I
Master Clock Input Pin
12
SCLK
I/O
Audio Serial Data Clock Pin
“L” Output in Master Mode at Power-down mode.
13
PDN
I
Power Down Mode & Reset Pin
“H”: Power up, “L”: Power down & Reset
The AK5359 must be reset once upon power-up.
14
DIF
I
Audio Interface Format Pin
“H”: 24bit I
2S Compatible,
“L”: 24bit MSB justified
15
CKS2
I
Mode Select 2 Pin
16
CKS0
I
Mode Select 0 Pin
Note: All input pins except analog input pins (AINR, AINL) should not be left floating.
Handling of Unused Pin
The unused input pins should be processed appropriately as below.
Classification
Pin Name
Setting
AINL
This pin should be open.
Analog
AINR
This pin should be open.


Similar Part No. - AK5359ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK5351 AKM-AK5351 Datasheet
1Mb / 21P
   EVALUATION BOARD REV.B FOR AK5351
AK5351-VF AKM-AK5351-VF Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
AK5352 AKM-AK5352 Datasheet
2Mb / 27P
   EVALUATION BOARD REV.B FOR AK5352
More results

Similar Description - AK5359ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5386 AKM-AK5386 Datasheet
148Kb / 18P
   Single-ended 24-Bit 192kHz ?誇 ADC
AK5394A AKM-AK5394A_05 Datasheet
191Kb / 25P
   Super High Performance 192kHz 24-Bit ?誇 ADC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com