Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-102-DFC-A2C2 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # FX-102-DFC-A2C2
Description  Frequency Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-102-DFC-A2C2 Datasheet(HTML) 2 Page - Vectron International, Inc

  FX-102-DFC-A2C2 Datasheet HTML 1Page - Vectron International, Inc FX-102-DFC-A2C2 Datasheet HTML 2Page - Vectron International, Inc FX-102-DFC-A2C2 Datasheet HTML 3Page - Vectron International, Inc FX-102-DFC-A2C2 Datasheet HTML 4Page - Vectron International, Inc FX-102-DFC-A2C2 Datasheet HTML 5Page - Vectron International, Inc FX-102-DFC-A2C2 Datasheet HTML 6Page - Vectron International, Inc FX-102-DFC-A2C2 Datasheet HTML 7Page - Vectron International, Inc FX-102-DFC-A2C2 Datasheet HTML 8Page - Vectron International, Inc FX-102-DFC-A2C2 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FX-102 Frequency Translator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Performance Characteristics
Description
Vectron's FX-102 is a crystal based frequency translator
which is used to translate any input frequency such as 8
kHz, 1.544 MHz, 2.048 MHz, 19.440 MHz etc. to any
specific frequency from 77.76 to 170 MHz. The input
frequency does not have to be a 50/50% duty cycle and
as an example can be an 8 kHz signal with a logic high
"on time" of only 1us, such as a BITS clock. The FX-102
also has the ability to translate any of 1 to 4 different
input frequencies to one
common output frequency,
such as input frequencies of 8 kHz and 1.544 MHz and
19.44 MHz and any other frequency between 8 kHz and
170 MHz translating them to any specific output fre-
quency from 77.76 MHz to 170 MHz.
The "Input Frequency tracking capability" is the total
amount of input frequency deviation in which the FX-102
is guaranteed to track or translate. As an example, a typ-
ical input clock would be 8 kHz ±20 ppm.The FX-102 is
guaranteed to track at least ±40 ppm of error over
temperature/ aging/ power supply and is more than twice
what most applications require. The PLL control voltage
is brought out through a 470K ohm resistor. This would
allow for the use of external circuitry (analog compara-
tors or an A/D converter plus a processor) to detect
when the control voltage is getting close to the limits of
the pull range.
Output Frequencies
77.76
170
MHz
Supply Voltage,
C = 5 Vdc
Vcc
4.75
5.00
5.25
Vdc
D = 3.3 Vdc
Vcc
3.15
3.30
3.45
Vdc
Supply Current
Icc
75
100
mA
Input Signal,
A = HCMOS
CLKIN
HCMOS
D = PECL
CLKIN
PECL
---
---
OUTPUT,
F = Comp PECL
---
---
PECL
---
---
VOH
(Temp Range C = 0°C to +70°C)
VOH
Vcc-1.025
Vcc-0.880
V
VOL
(Temp Range C = 0°C to +70°C)
VOL
Vcc-1.810
Vcc-1.620
V
VOH
(Temp Range F = -40°C to +85°C)
VOH
Vcc-1.085
Vcc-0.880
V
VOL
(Temp Range F = -40°C to +85°C)
VOL
Vcc-1.830
Vcc-1.555
V
Rise/Fall Time
tR/tF
0.5
1
ns
Output Symmetry
Sym
45
55
%
Jitter Generation, rms (12 kHz to 20 MHz)
<0.5
1
ps
Jitter Generation, rms (cycle to cycle method)
3
5
ps
Jitter Transfer, GR-253-CORE sec 5.6.2.1.2
0.1
dB
Input Frequency Tracking Capability
(Can translate a Stratum 1,2,3,3E,4
APR
±40
ppm
or SONET Min source)
Operating Temperature
Temp Range C =
0°C to +70°C
Temp Range F = -40°C to +85°C
Size
25.4 x 20.32 x 6.35 mm (1.0” x 0.8” x 0.25”)
Parameter
Symbol
Min
Typical
Max
Unit


Similar Part No. - FX-102-DFC-A2C2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-102 VECTRON-FX-102 Datasheet
1Mb / 11P
   Frequency Transiator
FX-102_0611 VECTRON-FX-102_0611 Datasheet
1Mb / 11P
   Frequency Transiator
More results

Similar Description - FX-102-DFC-A2C2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
   Frequency Translator
logo
CTS Corporation
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
   Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com