Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6416CM Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK6416CM
Description  16Kbit Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6416CM Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK6416CM Datasheet HTML 6Page - Asahi Kasei Microsystems AK6416CM Datasheet HTML 7Page - Asahi Kasei Microsystems AK6416CM Datasheet HTML 8Page - Asahi Kasei Microsystems AK6416CM Datasheet HTML 9Page - Asahi Kasei Microsystems AK6416CM Datasheet HTML 10Page - Asahi Kasei Microsystems AK6416CM Datasheet HTML 11Page - Asahi Kasei Microsystems AK6416CM Datasheet HTML 12Page - Asahi Kasei Microsystems AK6416CM Datasheet HTML 13Page - Asahi Kasei Microsystems AK6416CM Datasheet HTML 14Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ASAHI KASEI
[AK6416C]
DAS05E-00
2005/03
- 10 -
(2) A.C. ELECTRICAL CHARACTERISTICS
( 1.8V
VCC 5.5V, -40°C Ta 85°C, unless otherwise specified )
Parameter
Symbol
Condition
Min.
Max.
Unit
SK Cycle Time
tSKP1
4.5V
VCC 5.5V
200
ns
tSKP2
2.5V
VCC < 4.5V
400
ns
tSKP3
1.8V
VCC < 2.5V
1.0
µs
SK Pulse Width
tSKW1
4.5V
VCC 5.5V
100
ns
tSKW2
2.5V
VCC < 4.5V
200
ns
tSKW3
1.8V
VCC < 2.5V
500
ns
CS Setup Time
tCSS1
4.5V
VCC 5.5V
40
ns
tCSS2
1.8V
VCC < 4.5V
80
ns
CS Hold Time
tCSH1
4.5V
VCC 5.5V
40
ns
tCSH2
1.8V
VCC < 4.5V
80
ns
SK Setup Time
tSKSH/L1
4.5V
VCC 5.5V
40
ns
tSKSH/L2
1.8V
VCC < 4.5V
80
ns
RESET Setup Time
tRESS
0
ns
RESET Hold Time
tRESH
0
ns
Data Setup Time
tDIS1
4.5V
VCC 5.5V
40
ns
tDIS2
2.5V
VCC < 4.5V
80
ns
tDIS3
1.8V
VCC < 2.5V
200
ns
Data Hold Time
tDIH1
4.5V
VCC 5.5V
40
ns
tDIH2
2.5V
VCC < 4.5V
80
ns
tDIH3
1.8V
VCC < 2.5V
200
ns
tPD1
4.5V
VCC 5.5V *3
60
ns
DO pin Output delay
tPD2
2.5V
VCC < 4.5V *3
150
ns
tPD3
1.8V
VCC < 2.5V *3
300
ns
RDY/BUSY pin Output delay
tPD
CL=100pF
1
µs
Selftimed Programming Time
tE/W
5
ms
Write Recovery Time
tRC
100
ns
Min CS High Time
tCS
250
ns
DO High-Z Time
tOZ
500
ns
Endurance
*4
5.5V, 25
°C, Page Write
1,000,000
E/W
cycles /
Address
*3 : CL=100pF
*4 : These parameters are not 100% tested.
These are the sample value.


Similar Part No. - AK6416CM

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK6416384D ACCUTEK-AK6416384D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK6416384D ACCUTEK-AK6416384D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK6416384D ACCUTEK-AK6416384D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK6416384D ACCUTEK-AK6416384D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK6416384D ACCUTEK-AK6416384D Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK6416CM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6416A AKM-AK6416A Datasheet
118Kb / 12P
   16Kbit Serial CMOS EEPROM
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
   I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
Renesas Technology Corp
ISL96017 RENESAS-ISL96017 Datasheet
722Kb / 13P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
logo
Seiko Instruments Inc
S-29UXX0A SII-S-29UXX0A Datasheet
857Kb / 15P
   CMOS SERIAL EEPROM
S-29453A SII-S-29453A Datasheet
757Kb / 13P
   CMOS SERIAL EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24AA128 ARTSCHIP-24AA128 Datasheet
1Mb / 10P
   CMOS Serial EEPROM
logo
Seiko Instruments Inc
S-29UX94A SII-S-29UX94A Datasheet
875Kb / 15P
   CMOS SERIAL EEPROM
S-29X91A SII-S-29X91A Datasheet
975Kb / 17P
   CMOS SERIAL EEPROM
S-29XX0A SII-S-29XX0A Datasheet
1Mb / 20P
   CMOS SERIAL EEPROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128 Datasheet
147Kb / 11P
   CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com