Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6480CL Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK6480CL
Description  8Kbit Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6480CL Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK6480CL Datasheet HTML 1Page - Asahi Kasei Microsystems AK6480CL Datasheet HTML 2Page - Asahi Kasei Microsystems AK6480CL Datasheet HTML 3Page - Asahi Kasei Microsystems AK6480CL Datasheet HTML 4Page - Asahi Kasei Microsystems AK6480CL Datasheet HTML 5Page - Asahi Kasei Microsystems AK6480CL Datasheet HTML 6Page - Asahi Kasei Microsystems AK6480CL Datasheet HTML 7Page - Asahi Kasei Microsystems AK6480CL Datasheet HTML 8Page - Asahi Kasei Microsystems AK6480CL Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ASAHI KASEI
[AK6480C/81]
DAS04E-00
2005/03
- 4 -
Pin Description
CS (Chip Select)
When SK is high level and CS is changed from high level to low level, AK6480C/81C can
receive the instructions.
CS should be kept low level while receiving op-code, address and
data and while outputting data.
If
CS
is changed to high level during the above period,
AK6480C/81C stops the instruction execution.
When SK is low and CS is changed from
high level to low level, AK6480C/81C will be in status output mode. The CS need not be low
level during the automatic write time-out period ( Busy status).
SK (Serial Clock)
The SK clock pin is the synchronous clock input for input/output data.
At write operation,
AK6480C/81C takes in the write data from data input pin (DI) synchronously with rising edge of
input pulse of serial clock pin ( SK ).
And at read operation, AK6480C/81C takes out the read
data to data output pin (DO) synchronously with falling edge of SK .
The SK clock is not
needed during the automatic write time-out period ( Busy status), the status output period and
when the device isn't selected ( CS = high level).
DI (Data Input)
The op-code, address and write data is input to the DI pin.
DO (Data Output)
The DO pin outputs the read data and status signal and will be high impedance except for this
timing.
RDY/ BUSY (Ready/ Busy status)
This pin outputs the internal programming status.
When the AK6480C/81C is in the automatic
write time-out period, this pin outputs the low level ( Busy status), and outputs the high level
except for this timing.
RESET (Reset)
The AK6480C/81C stops executing the write instruction when the RESET pin is high level.
The
RESET pin should be low level while the write instruction input period and the page write
instruction input period and the automatic write time-out period.
If the RESET pin is high level
while the automatic write time-out period, the AK6480C/81C stops execution of internal
programming and the device returns to ready status.
In this case the word data of the specified
address will be incomplete.
When inputting the new instruction after RESET, the
CS
pin
should be set to high level.
The read, write enable and write disable instructions are not affected
by RESET pin status.
VCC (Power Supply)
GND (Ground)


Similar Part No. - AK6480CL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6480A AKM-AK6480A Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6480A AKM-AK6480A Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6480AF AKM-AK6480AF Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6480AM AKM-AK6480AM Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6480B AKM-AK6480B Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK6480CL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420AM AKM-AK6420AM Datasheet
164Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S-29UXX0A SII-S-29UXX0A Datasheet
857Kb / 15P
   CMOS SERIAL EEPROM
S-29453A SII-S-29453A Datasheet
757Kb / 13P
   CMOS SERIAL EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24AA128 ARTSCHIP-24AA128 Datasheet
1Mb / 10P
   CMOS Serial EEPROM
logo
Seiko Instruments Inc
S-29UX94A SII-S-29UX94A Datasheet
875Kb / 15P
   CMOS SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com