Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6510C Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK6510C
Description  SPI bus 32K/64Kbit Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6510C Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK6510C Datasheet HTML 1Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 2Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 3Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 4Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 5Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 6Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 7Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 8Page - Asahi Kasei Microsystems AK6510C Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ASAHI KASEI
[AK6510C/12C]
DAP02E-04
2005/03
- 2 -
General Description
The AK6510C/12C is a 32768/65536-bit, serial, read/write, non-volatile memory device fabricated
using an advanced CMOS EEPROM technology.
The AK6510C/12C has 32768-bits/65536-bits of
memory organized as 4096/8192 registers of 8 bits each.
The AK6510C/12C can operate all
function under wide operating voltage range: 1.8V to 5.5V.
The charge up circuit for high voltage
generation needed for write operations is integrated.
The AK6510C/12C serial interface is compatible to a SPI bus.
The AK6510C/12C has 6
instructions: READ, WRITE, WREN (write enable), WRDI (write disable), RDSR (read status
register), and WRSR (write status register).
Each instruction is organized by an op-code (8bits), address (16bits), and data (8bits).
When input
level of CS pin changed from high level to low level, AK6510C/12C can receive instructions.
Pin Configurations
Pin name
Functions
CS
Chip Select input
SCK
Serial Clock input
SI
Serial Data input
SO
Serial Data output
WP
Write Protect input
HOLD
Hold input
VCC
Power Supply
GND
Ground
Type of Products
Model
Memory size
Temp. Range
VCC
Package
AK6510CM
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SSOP
AK6510CL
32K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SONW
AK6512CM
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SSOP
AK6512CL
64K bits
-40°C to +85°C
1.8V to 5.5V
8pin Plastic SONW
AK6510CL/12CL
8pin SONW
CS
SO
WP
GND
VCC
HOLD
SI
1
2
3
4
8
7
6
5
SCK
8
7
6
5
CS
SO
WP
GND
VCC
SI
1
2
3
4
SCK
AK6510CM/12CM
8pin SSOP
HOLD


Similar Part No. - AK6510C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6510CL AKM-AK6510CL Datasheet
64Kb / 2P
   8pin SONW
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
More results

Similar Description - AK6510C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
AK93C85A AKM-AK93C85A_04 Datasheet
118Kb / 13P
   16K / 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
25LC320-ISN MICROCHIP-25LC320-ISN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
01/02/08
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com