Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6512C Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK6512C
Description  SPI bus 32K/64Kbit Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6512C Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK6512C Datasheet HTML 5Page - Asahi Kasei Microsystems AK6512C Datasheet HTML 6Page - Asahi Kasei Microsystems AK6512C Datasheet HTML 7Page - Asahi Kasei Microsystems AK6512C Datasheet HTML 8Page - Asahi Kasei Microsystems AK6512C Datasheet HTML 9Page - Asahi Kasei Microsystems AK6512C Datasheet HTML 10Page - Asahi Kasei Microsystems AK6512C Datasheet HTML 11Page - Asahi Kasei Microsystems AK6512C Datasheet HTML 12Page - Asahi Kasei Microsystems AK6512C Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ASAHI KASEI
[AK6510C/12C]
DAP02E-04
2005/03
- 9 -
READ (READ SEQUENCE)
After CS changes high to low, the op-code and address are sent on SI pin and the data (D7-D0)
read from SO pin.
After 1 byte of data output, internal address register is incremented, and the next byte of data is
outputted.
After READ the data in the highest address, the address register rolls over to the lowest
address.
After the last bit of the address shift into the register, the input data on SI pin is ignored.
READ
0123456789
10
11
12
13
23
22
0
0
0
0
01
1
A0
A1
A10
Hi-Z
CS
SCK
SI
SO
A11
24
25
29
30
D0
D1
D2
D6
X = don’t care
D7
A12
X
X
X
X
AK6510C: A12 is don't care


Similar Part No. - AK6512C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CAL AKM-AK6512CAL Datasheet
64Kb / 2P
   8pin SONW
AK6512CAL AKM-AK6512CAL Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CAM AKM-AK6512CAM Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CL AKM-AK6512CL Datasheet
64Kb / 2P
   8pin SONW
More results

Similar Description - AK6512C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
AK93C85A AKM-AK93C85A_04 Datasheet
118Kb / 13P
   16K / 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
25LC320-ISN MICROCHIP-25LC320-ISN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
01/02/08
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com