Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6510CM Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK6510CM
Description  SPI bus 32K/64Kbit Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6510CM Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK6510CM Datasheet HTML 7Page - Asahi Kasei Microsystems AK6510CM Datasheet HTML 8Page - Asahi Kasei Microsystems AK6510CM Datasheet HTML 9Page - Asahi Kasei Microsystems AK6510CM Datasheet HTML 10Page - Asahi Kasei Microsystems AK6510CM Datasheet HTML 11Page - Asahi Kasei Microsystems AK6510CM Datasheet HTML 12Page - Asahi Kasei Microsystems AK6510CM Datasheet HTML 13Page - Asahi Kasei Microsystems AK6510CM Datasheet HTML 14Page - Asahi Kasei Microsystems AK6510CM Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ASAHI KASEI
[AK6510C/12C]
DAP02E-04
2005/03
- 11 -
Electrical Characteristics
(1) D.C. ELECTRICAL CHARACTERISTICS
(1.8V
≤VCC≤5.5V, -40°C≤Ta≤85°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Max.
Unit
ICC1
VCC=5.5V, fSCK=5.0MHz, *1
2.0
mA
Current Dissipation
(WRITE)
ICC2
VCC=2.5V, fSCK=2.5MHz, *1
1.5
mA
ICC3
VCC=1.8V, fSCK=1.0MHz, *1
1.0
mA
ICC4
VCC=5.5V, fSCK=5.0MHz, *1
1.0
mA
Current Dissipation
(READ)
ICC5
VCC=2.5V, fSCK=2.5MHz, *1
0.2
mA
ICC6
VCC=1.8V, fSCK=1.0MHz, *1
0.1
mA
Current Dissipation
(Standby)
ICCS
VCC=5.5V
*2
0.8
µA
VIH1
2.5V
≤VCC≤5.5V
0.7xVCC
VCC+0.5
V
Input High Voltage
VIH2
1.8V
≤VCC<2.5V
0.8xVCC
VCC+0.5
V
VIL1
2.5V
≤VCC≤5.5V
-0.3
0.3xVCC
V
Input Low Voltage
VIL2
1.8V
≤VCC<2.5V
-0.3
0.2xVCC
V
Output High Voltage
VOH1
4.5V
≤VCC≤5.5V
IOH=-2mA
VCC-0.5
V
VOH2
2.5V
≤VCC<4.5V
IOH=-0.4mA
VCC-0.2
V
VOH3
1.8V
≤VCC<2.5V
IOH=-0.1mA
VCC-0.2
V
Output Low Voltage
VOL1
4.5V
≤VCC≤5.5V
IOL=3.0mA
0.4
V
VOL2
2.5V
≤VCC<4.5V
IOL=1.6mA
0.4
V
VOL3
2.5V
≤VCC<4.5V
IOL=1.0mA
0.2
V
VOL4
1.8V
≤VCC<2.5V
IOL=1.0mA
0.2
V
ILI
VCC=5.5V, VIN=VCC/GND
±1.0
µA
Input Leakage
CS, SCK, DI pins
WP, HOLD pins
Output Leakage
SO pin
ILO
VCC=5.5V,
VOUT=VCC/GND
±1.0
µA
*1: VIN=VIH/VIL, SO=open
*2: CS=VCC, VIN=VCC/GND, WP,HOLD=VCC, SO=open
(2) CAPACITANCE
(Ta=25°C, fSCK=1MHz, VCC=5.0V)
Parameter
Symbol
Condition
Min.
Max.
Unit
Output Capacitance
SO pin
CO
VO=0V
8.0
pF
Input Capacitance
CS, SCK, SI pins
CIN
VIN=0V
6.0
pF
Note: These parameters are not 100% tested.
These are the sample value.


Similar Part No. - AK6510CM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6510CL AKM-AK6510CL Datasheet
64Kb / 2P
   8pin SONW
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
More results

Similar Description - AK6510CM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
   16K / 32K / 64KBIT SERIAL CMOS EEPROM
AK93C85A AKM-AK93C85A_04 Datasheet
118Kb / 13P
   16K / 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
25LC320-ISN MICROCHIP-25LC320-ISN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
01/02/08
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com