Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8816VG Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK8816VG
Description  NTSC/PAL Digital Video Encoder
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8816VG Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK8816VG Datasheet HTML 3Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 4Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 5Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 6Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 7Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 8Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 9Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 10Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
ASAHI KASEI
[AK8815/16]
MS0331-E-00
7
2004 / 08
(4) Analog Characteristics
[Operating voltage : AVDD = DVCC=2.7 - 3.3 V, Temperature: -20 - 85°C]
Parameter
Min
Typ
Max
Units
Conditions
Resolution
9
bit
Integral non-linearity ( error )
+/- 0.6
+/- 2.0
LSB
Differential non-linearity ( error )
+/- 0.4
+/- 1.0
LSB
Output full scale voltage
1.21
1.28
1.35
V
Note1)
Output offset voltage
5.0
mV
Note2)
On-chip reference voltage
1.17
1.23
1.30
V
Reference voltage drift
-50
ppm/
°C
Note1) values are when a 390 ohm output load, a 12 Kohm IREF pin resistor and on-chip VREF are used.
Full scale output current is calculated as Iout = full scale output voltage ( typ. 1.28 V ) / 390 ohm = typ. 3.28
mA.
Note2) A voltage referenced to VSS when a decimal zero voltage is input to DAC.
(5) Power Consumption
[Operating voltage : AVDD = DVCC=2.7 - 3.3 V, Temperature: -20 - 85°C]
Parameter
Min
Typ
Max
Units
Conditions
Total power consumption
24
36
mA
Note3)
Power-down current 1
10
100
uA
Note4)
Power-down current 2
1
10
uA
Note5)
XTAL part current
2.0
3.3
mA
Note6)
Analog part operating current 1
6.5
mA
Note7)
Analog part operating current 2
1.6
µA
Note8)
Note3) NTSC mode on-chip color bar output is enabled and DAC is “ on “ ( no external output loads are
connected , other than those recommended, connecting-components ).
Note4) measuring conditions :
input / output settings after power-down sequence are, PDN pin is at GND level, CLKOUT and SDO output
are at high level ( power supply voltage ) with no external connection, input voltage on those input pins is 1/2
level of power supply which are set to accept Hi-Z input at power-down, and TEST = ATPG = GND ( or left
open ).
Power supplies are AVDD = DVCC = PVDD.
Each ground pin ( DVSS, AVSS1, AVSS2, PVSS1, PVSS2 ) is always 0 V ( voltage reference ).
Note5) measuring conditions :
set AVDD = DVCC = 0 V ( potential difference with voltage reference ground is 0 V ) in power-down current 1
condition.Set those input pins to GND level which are set to accept Hi-Z input at power-down.
Power-down current 2 is PVDD power supply current at PVDD = 1.6 V ~ 1.8 V or 2.7 V ~ 3.3 V.
Note6) at RSTN = H, PDN = H
Note7) when DAC output is “ ON “.
Note8) when DAC output is “ OFF “.


Similar Part No. - AK8816VG

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8812 AKM-AK8812 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8813 AKM-AK8813 Datasheet
422Kb / 51P
   NTSC/PAL Digital Video Encoder
AK8813P AKM-AK8813P Datasheet
422Kb / 51P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8816VG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com