Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8816VG Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK8816VG
Description  NTSC/PAL Digital Video Encoder
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8816VG Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK8816VG Datasheet HTML 1Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 2Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 3Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 4Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 5Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 6Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 7Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 8Page - Asahi Kasei Microsystems AK8816VG Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ASAHI KASEI
[AK8815/16]
MS0331-E-00
1
2004 / 08
AK8815/16
NTSC/PAL Digital Video Encoder
GENERAL DESCRIPTION
The AK8815/16 is a digital video encoder which is developed for portable apparatus applications such as cellular
phone etc.. ITU-R BT.601 level compatible Y, Cb,and Cr signals which correspond to square pixel are encoded
into either NTSC or PAL compatible composite video signal. Interface is made in HSYNC-, VSYNC- synchronized
slave-mode operation. It is controlled via a 4-wire serial interface.
FEATURES
• NTSC-M, PAL-B, D, G, H, I encoding
• Composite Video Output
• Y:Cb:Cr 4:2:2 Square Pixel Data Input
• H/V Slave Operation
• Y filtering: 2 x over-sampling
• C filtering: 4 x over-sampling
• 9-bit DAC
• Macrovision Copy Protection Rev. 7.1 * (only AK8815 )
• VBID ( CGMS-A ) Compatible
• WSS Compatible
• On-chip Quartz Crystal Oscillator circuit
• Clock: Square Pixel data rate 24.5454 MHz ( NTSC ), 29.50 MHz ( PAL )
• Device Control I / F : 4- wire Serial Bus Interface
• On-chip Color Bar Output
• Black Burst Output
• Internal Operating Voltage: 2.7 V ~ 3.3 V
• supplying Interface Power Supply ( 1.6 V ~ 2.0 V or 2.7 V ~ 3.3 V )
• Power-down function
• Monolithic CMOS
• 57 pin FBGA ( 5 mm sq ) ( lead-free package )
(*Note) This device is protected by U.S. patent numbers 4,631,603, 4,577,216, and 4,819,098, and other
intellectual rights. The use of Macrovision’s copy protection technology in the device must be authorized by
Macrovision and is intended for home and other limited pay-per -view use only, unless otherwise authorized in
written by Macrovision. Reverse engineering or disassembly is prohibited.


Similar Part No. - AK8816VG

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8812 AKM-AK8812 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8813 AKM-AK8813 Datasheet
422Kb / 51P
   NTSC/PAL Digital Video Encoder
AK8813P AKM-AK8813P Datasheet
422Kb / 51P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8816VG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com