Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8851VQ Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK8851VQ
Description  NTSC/PAL/SECAM Digital Video Decoder
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8851VQ Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK8851VQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK8851VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK8851VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK8851VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK8851VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK8851VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK8851VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK8851VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK8851VQ Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
ASAHI KASEI
[AK8851]
MS0244-E-03
6
2005 / 07
Confidential
4.Electrical Specifications
(1) Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Supply Voltage* (VDD)
DVDD, AVDD
-0.3
4.5
V
Input Pin Voltage (Vin)
-0.3
VDD + 0.3
V
Input Pin Current (Iin)
-10
10
mA
Storage Temperature
-40
125
°C
Note) power supply voltages are referenced to each ground pin (DVSS, AVSS) which is equal to 0 V (voltage reference).
(2) Recommended Operating Conditions
Parameter
Min.
Typ.
Max
Units
3.0
3.3
3.6
V
Supply Voltage *
AVDD
DVDD
3.0
3.3
3.6
V
Operating Temperature
-20
85
°C
Note) power supply voltages are referenced to each ground pin (DVSS, AVSS) which is equal to 0 V (voltage reference).
(3) DC Characteristics (DVDD=3.0 ~ 3.6 V at –20 ~+85 degree C)
Parameter
Symbol
Min
Typ.
Max.
Units
Condition
Digital Input High Voltage
VIH
0.7DVDD
V
Digital Input Low Voltage
VIL
0.3DVDD
V
Digital Input Leak Current
IIL
+/- 10
uA
Digital Output High Voltage
VOH
2.4
V
IOH = -400uA
Digital Output High Voltage
VOL
0.4
V
IOL = 1.2mA
I
2C Input High Voltage
I
2C (SDA, SCL)
VIHC
0.7VDD
V
I
2C Input Low Voltage
I
2C (SDA, SCL)
VILC
0.3VDD
V
I
2C (SDA) Output Low Voltage
VOLC
0.4
V
IOLC = 3mA
Note) The following are Digital Output pins:,
CLK27MO/D[7:0]/NSIG/DVALID/FIELD/CSYNC/HSYNC/VSYNC/HALFCKO/EXTDAT[7:0].
Digital output pins, excluding CLK27MO, are shown as Digital Data pins.
SDA pin is separated from Digital output pins and its characteristics are described in other terms.
(4) AC Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Digital Maximum Load
Capacitance
CL
15
40
pF


Similar Part No. - AK8851VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8850 AKM-AK8850 Datasheet
1Mb / 99P
   NTSC Digital Video Decoder
AK8853VN AKM-AK8853VN Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
   Multi-Format Digital Video Decoder
AK8855 AKM-AK8855 Datasheet
1Mb / 81P
   NTSC/PAL Digital Video Decoder
More results

Similar Description - AK8851VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Sanyo Semicon Device
LC749870W SANYO-LC749870W Datasheet
559Kb / 45P
   Silicon gate NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5160 TI1-TVP5160_11 Datasheet
1Mb / 111P
[Old version datasheet]   NTSC/PAL/SECAM/Component 2x10-Bit Digital Video Decoder
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1IPBSR TI1-TVP5150AM1IPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC,PAL,SECAM Video Decoder
logo
Asahi Kasei Microsystem...
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
   NTSC/PAL Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com