Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8492P Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA8492P
Description  Three-Phase Full-Wave Brushless DC Motor Driver IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8492P Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA8492P Datasheet HTML 1Page - Toshiba Semiconductor TA8492P Datasheet HTML 2Page - Toshiba Semiconductor TA8492P Datasheet HTML 3Page - Toshiba Semiconductor TA8492P Datasheet HTML 4Page - Toshiba Semiconductor TA8492P Datasheet HTML 5Page - Toshiba Semiconductor TA8492P Datasheet HTML 6Page - Toshiba Semiconductor TA8492P Datasheet HTML 7Page - Toshiba Semiconductor TA8492P Datasheet HTML 8Page - Toshiba Semiconductor TA8492P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TA8492P/PG
2004-07-27
3
Maximum Ratings (Ta
= 25°C)
Characteristic
Symbol
Rating
Unit
VS
20
V
Supply voltage
VCC
20
V
Output current
IO
1.5
A
1.4 (Note 1)
Power dissipation
PD
2.7 (Note 2)
W
Operating temperature
Topr
−30~85
°C
Storage temperature
Tstg
−55~150
°C
Note 1: Not mounted on the PCB
Note 2: Mounted on the PCB (PCB area: 50
× 50 × 0.8 mm cu area: 60% or greater)
Electrical Characteristics (Ta
= 25°C, VCC = VS = 12 V)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICC-1
VCC = 12 V, 3ST: GND,
VS: Open
5.0
7.0
ICC-2
VCC = 18 V, 3ST: GND,
VS: Open
6.0
9.0
Supply current
ICC-3
1
Stop (3ST
= VCC)
2.5
4
mA
Upper
VSAT (U)
2
IO = 1 A (source current)
1.35
1.7
Output saturation voltage
Lower
VSAT (L)
3
IO = 1 A (sink current)
0.4
0.6
V
Upper
IL (U)
4
VS = 20 V
50
Output leak current
Lower
IL (L)
5
VS = 20 V
50
µA
Input sensitivity
VH
6
20
400
mVp-p
Hall amp.
Common mode input
voltage range
VCMRH
7
2
VCC
3.5
V
Stop
VSTP
VCC
0.4
VCC
CW
VFW
2.5
6.5
CW/CCW
control operation voltage
CCW
VRV
6
0
0.4
V
Thermal shutdown operating
temperature
TSD
160
°C


Similar Part No. - TA8492P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8492P TOSHIBA-TA8492P Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P/PG TOSHIBA-TA8492P/PG Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492PG TOSHIBA-TA8492PG Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
More results

Similar Description - TA8492P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
logo
Rohm
BD6345FV ROHM-BD6345FV Datasheet
1Mb / 18P
   Three-phase Full-wave DC Brushless Fan Motor Driver
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
Anpec Electronics Corop...
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322 Datasheet
258Kb / 20P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
logo
Toshiba Semiconductor
TA7745P TOSHIBA-TA7745P_06 Datasheet
385Kb / 11P
   3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC
logo
Hitachi Semiconductor
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com